Electronic Components Datasheet Search
  English  ▼

X  

ISL22326 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL22326
Description  Dual Digitally Controlled Potentiometers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22326 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL22326 Datasheet HTML 1Page - Intersil Corporation ISL22326 Datasheet HTML 2Page - Intersil Corporation ISL22326 Datasheet HTML 3Page - Intersil Corporation ISL22326 Datasheet HTML 4Page - Intersil Corporation ISL22326 Datasheet HTML 5Page - Intersil Corporation ISL22326 Datasheet HTML 6Page - Intersil Corporation ISL22326 Datasheet HTML 7Page - Intersil Corporation ISL22326 Datasheet HTML 8Page - Intersil Corporation ISL22326 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
®
FN6176.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) and XDCP are registered trademarks of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL22326
Dual Digitally Controlled Potentiometers (XDCP™)
Low Noise, Low Power, I2C® Bus,
128 Taps
The ISL22326 integrates two digitally controlled
potentiometers (XDCP) and non-volatile memory on a
monolithic CMOS integrated circuit.
The digitally controlled potentiometers are implemented with
a combination of resistor elements and CMOS switches. The
position of the wipers are controlled by the user through the
I2C bus interface. Each potentiometer has an associated
volatile Wiper Register (WR) and a non-volatile Initial Value
Register (IVR) that can be directly written to and read by the
user. The contents of the WR controls the position of the
wiper. At power-up the device recalls the contents of the two
DCP’s IVR to the corresponding WRs.
The DCPs can be used as three-terminal potentiometers or
as two-terminal variable resistors in a wide variety of
applications including control, parameter adjustments, and
signal processing.
Pinout
Features
• Two potentiometers in one package
• 128 resistor taps
•I2C serial interface
- Three address pins, up to eight devices/bus
• Non-volatile storage of wiper position
• Wiper resistance: 70
Ω typical @ 3.3V
• Shutdown mode
• Shutdown current 5µA max
• Power supply: 2.7V to 5.5V
•50k
Ω or 10kΩ total resistance
• High reliability
- Endurance: 1,000,000 data changes per bit per register
- Register data retention: 50 years @ T <55°C
• 14 Ld TSSOP
• Pb-free plus anneal product (RoHS compliant)
ISL22326
(14 LD TSSOP)
TOP VIEW
A2
1
2
3
4
5
6
7
SDA
SCL
8
9
10
14
13
12
11
SHDN
RW0
RL0
RH0
A1
VCC
RW1
RL1
RH1
A0
GND
Ordering Information
PART NUMBER
PART MARKING
RESISTANCE OPTION
(k
Ω)
TEMP. RANGE
(°C)
PACKAGE
PKG. DWG. #
ISL22326UFV14Z
(Notes 1, 2)
22326 UFVZ
50
-40 to +125
14 Ld TSSOP
(Pb-free)
M14.173
ISL22326WFV14Z
(Notes 1, 2)
22326 WFVZ
10
-40 to +125
14 Ld TSSOP
(Pb-free)
M14.173
NOTES:
1. Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
2. Add “-TK” suffix for 1,000 Tape and Reel option
Data Sheet
July 17, 2006


Similar Part No. - ISL22326

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22326 INTERSIL-ISL22326 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
ISL22326 RENESAS-ISL22326 Datasheet
972Kb / 17P
Dual Digitally Controlled Potentiometers (XDCP?? Low Noise, Low Power, I2C??Bus, 128 Taps
logo
Intersil Corporation
ISL22326 INTERSIL-ISL22326 Datasheet
612Kb / 17P
Low Noise, Low Power, I2C™ Bus, 128 Taps
September 9, 2015
logo
Renesas Technology Corp
ISL22326 RENESAS-ISL22326 Datasheet
913Kb / 21P
Dual Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power, I2C Bus, 128 Taps
Rev.4.00 Sep 16, 2024
logo
Intersil Corporation
ISL22326UFR16Z INTERSIL-ISL22326UFR16Z Datasheet
612Kb / 17P
Low Noise, Low Power, I2C™ Bus, 128 Taps
September 9, 2015
More results

Similar Description - ISL22326

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9269 XICOR-X9269 Datasheet
422Kb / 25P
Dual Digitally-Controlled Potentiometers
logo
Intersil Corporation
X93254 INTERSIL-X93254 Datasheet
208Kb / 10P
Dual Digitally Controlled Potentiometers
March 1, 2005
X93255 INTERSIL-X93255 Datasheet
183Kb / 8P
Dual Digitally Controlled Potentiometers
March 4, 2005
X9260 INTERSIL-X9260_06 Datasheet
338Kb / 23P
Dual Digitally-Controlled Potentiometers
August 29, 2006
X9261 INTERSIL-X9261_06 Datasheet
362Kb / 20P
Dual Digitally-Controlled Potentiometers
October 12, 2006
X9268 INTERSIL-X9268_06 Datasheet
320Kb / 22P
Dual Digitally-Controlled Potentiometers
August 29, 2006
X9269 INTERSIL-X9269_07 Datasheet
346Kb / 24P
Dual Digitally-Controlled Potentiometers
April 17, 2007
X93256 INTERSIL-X93256_06 Datasheet
333Kb / 9P
Dual Digitally Controlled Potentiometers
March 24, 2006
X9418 INTERSIL-X9418_06 Datasheet
340Kb / 20P
Dual Digitally Controlled Potentiometers
October 12, 2006
X93256UV14I-2.7 INTERSIL-X93256UV14I-2.7 Datasheet
186Kb / 7P
Dual Digitally Controlled Potentiometers
February 1, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com