Electronic Components Datasheet Search
  English  ▼

X  

ISL22326 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL22326
Description  Dual Digitally Controlled Potentiometers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22326 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL22326 Datasheet HTML 1Page - Intersil Corporation ISL22326 Datasheet HTML 2Page - Intersil Corporation ISL22326 Datasheet HTML 3Page - Intersil Corporation ISL22326 Datasheet HTML 4Page - Intersil Corporation ISL22326 Datasheet HTML 5Page - Intersil Corporation ISL22326 Datasheet HTML 6Page - Intersil Corporation ISL22326 Datasheet HTML 7Page - Intersil Corporation ISL22326 Datasheet HTML 8Page - Intersil Corporation ISL22326 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
FN6176.0
July 17, 2006
Block Diagram
I2C
INTERFACE
VCC
RH0
RH1
GND
RL0
RL1
RW0
RW1
SCL
SDA
A0
A1
A2
WR1
WR0
SHDN
POWER-UP
INTERFACE,
CONTROL
AND STATUS
LOGIC
NON-
VOLATILE
REGISTERS
Pin Descriptions
TSSOP PIN
SYMBOL
DESCRIPTION
1VCC
Power supply pin
2SHDN
Shutdown active low input
3
RH0
“High” terminal of DCP0
4
RL0
“Low” terminal of DCP0
5
RW0
“Wiper” terminal of DCP0
6
A2
Device address input for the I2C interface
7
SCL
Open drain I2C interface clock input
8
SDA
Open drain Serial data I/O for the I2C interface
9
GND
Device ground pin
10
RW1
“Wiper” terminal of DCP1
11
RL1
“Low” terminal of DCP1
12
RH1
“High” terminal of DCP1
13
A0
Device address input for the I2C interface
14
A1
Device address input for the I2C interface
ISL22326



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com