Electronic Components Datasheet Search
  English  ▼

X  

FRHV Datasheet(PDF) 2 Page - RFE international

Part # FRHV
Description  Radial Leaded PTC Resettable Fuse
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

FRHV Datasheet(HTML) 2 Page - RFE international

  FRHV Datasheet HTML 1Page - RFE international FRHV Datasheet HTML 2Page - RFE international FRHV Datasheet HTML 3Page - RFE international FRHV Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NO.
PQ33-101E
Product Specification and Approval Sheet Version 1
Page 2/4
Designed and manufactured by Fuzetec Technology Co., Ltd., offered by RFE International, Inc.
NOTE: Specification subject to change without notice.
2021/04/07
4. Production Dimensions (millimeter)
Part
Number
Fig.
A
B
C
D
E
Maximum
Maximum
Typical
Minimum
Maximum
FRH080-250VF
1
5.8
9.6
5.0
4.7
4.6
FRH110-250VF
1
6.8
9.9
5.0
4.7
4.6
FRH120-250VF
2
6.5
11.0
5.0
4.7
4.6
FRH145-250VF
2
6.5
11.0
5.0
4.7
4.6
FRH180-250XF
1
9.0
12.0
5.0
4.7
3.8
FRH150-600MF
2
9.0
12.5
5.0
4.7
4.6
FRH160-600MF
2
9.0
12.5
5.0
4.7
4.6
FRH160-600VF
2
16.0
12.6
5.0
4.7
6.0
FRH200-600VF
2
12.0
14.0
5.0
4.7
6.0
FRH250-600VF
2
12.0
15.0
5.0
4.7
6.0
FRH400-600F
2
15.0
18.0
5.0
4.7
6.0
5. Thermal Derating Curve
0%
50%
100%
150%
200%
-40
-20
0
20
40
60
80
Ambient Temperature (℃)
FRHV Series
B
A
A
B
A= FRH180-250XF
B= All other FRHV devices
Fig. 1
Lead Size: 22AWG
φ0.65 mm Diameter
Fig. 2
Lead Size: 22AWG
φ0.65 mm Diameter



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com