Electronic Components Datasheet Search
  English  ▼

X  

FRHV Datasheet(PDF) 3 Page - RFE international

Part # FRHV
Description  Radial Leaded PTC Resettable Fuse
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

FRHV Datasheet(HTML) 3 Page - RFE international

  FRHV Datasheet HTML 1Page - RFE international FRHV Datasheet HTML 2Page - RFE international FRHV Datasheet HTML 3Page - RFE international FRHV Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NO.
PQ33-101E
Product Specification and Approval Sheet Version 1
Page 3/4
Designed and manufactured by Fuzetec Technology Co., Ltd., offered by RFE International, Inc.
NOTE: Specification subject to change without notice.
2021/04/07
6. Typical Time-to-Trip at 23℃
0.01
0.1
1
10
100
1000
0.00
0.50
1.00
1.50
2.00
2.50
3.00
Fault current (A)
0.01
0.1
1
10
100
1000
0
0.5
1
1.5
2
2.5
3
Fault current (A)
A= FRH080-250VF
B= FRH110-250VF
C= FRH120-250VF
D= FRH145-250VF
E= FRH180-250XF
E
D
C
B
A
F = FRH150-600MF
G = FRH160-600MF
H = FRH160-600VF
I = FRH200-600VF
J = FRH250-600VF
K = FRH400-600F
K
J
I
H
G
F



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com