Electronic Components Datasheet Search
  English  ▼

X  

FRHV Datasheet(PDF) 1 Page - RFE international

Part # FRHV
Description  Radial Leaded PTC Resettable Fuse
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

FRHV Datasheet(HTML) 1 Page - RFE international

  FRHV Datasheet HTML 1Page - RFE international FRHV Datasheet HTML 2Page - RFE international FRHV Datasheet HTML 3Page - RFE international FRHV Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NO.
PQ33-101E
Product Specification and Approval Sheet Version 1
Page 1/4
Designed and manufactured by Fuzetec Technology Co., Ltd., offered by RFE International, Inc.
NOTE: Specification subject to change without notice.
2021/04/07
Radial Leaded PTC Resettable Fuse: FRHV Series
1. Summary
(a) RoHS Compliant (Lead Free) Product
(b) Applications: Wide variety of electronic equipment
(c) Product Features: Low hold current Solid state, Radial leaded product ideal for up
to 60V/100V/250V/600V
(d) Operation Current: 0.08A~0.40A
(e) Maximum Operation Voltage: 60V/100V/250VDC
(f) Maximum Interrupt Voltage: 250V/600VAC
(g) Temperature Range: -40℃ to 85℃
2. Agency Recognition
UL:
File No. E211981
C-UL:
File No. E211981
TÜV:
*File No. R50138901
*FRH160-600MF and FRH200-600VF~FRH400-600F TÜV In Process.
3. Electrical Characteristics (23℃)
Part
Number
Hold
Current
Trip
Current
Max. Time
to Trip
Max.
Current
Max. Oper.
Voltage
Max. Int.
Voltage
Typ.
Power
Resistance
RMIN
R1MAX
Current Time
IH, A
IT, A
A
Sec.
IMAX, A
VMAX, VDC
VI-MAX, VAC
Pd, W
Ohm
Ohm
FRH080-250VF
0.08
0.16
0.35
4.0
3.0
100
250
1.0
14.00
33.00
FRH110-250VF
0.11
0.22
1.00
2.0
3.0
100
250
1.0
5.00
16.00
FRH120-250VF
0.12
0.24
1.00
2.0
3.0
100
250
1.0
4.00
16.00
FRH145-250VF
0.15
0.29
1.00
2.5
3.0
100
250
1.0
3.00
12.00
FRH180-250XF
0.18
0.65
3.00
2.0
10.0
100
250
1.0
0.80
4.00
FRH150-600MF
0.15
0.30
1.00
4.0
3.0
250
600
1.0
6.00
17.00
FRH160-600MF
0.16
0.32
1.00
7.0
3.0
250
600
1.0
4.00
16.00
FRH160-600VF
0.16
0.32
1.00
7.0
3.0
250
600
1.0
4.00
18.00
FRH200-600VF
0.20
0.40
1.00
12.0
3.0
250
600
1.0
4.00
13.50
FRH250-600VF
0.25
0.85
3.00
1.0
3.0
250
600
1.0
1.00
7.00
FRH400-600F
0.40
1.00
3.00
4.0
3.0
60
600
1.0
0.95
1.90
IH=Hold current-maximum current at which the device will not trip at 23℃ still air.
IT=Trip current-maximum current at which the device will always trip at 23℃ still air.
IMAX= Maximum fault current device can withstand without damage at rated voltage (VMAX).
VMAX=Maximum operating voltage at which the device can withstand without damage at its rated current.
VI-MAX = Maximum interrupt voltage device can withstand for short period of time. (Not for long term)
Pd=Typical power dissipated from device when in the tripped state in 23℃ still air environment.
RMIN=Minimum device resistance at 23℃.
R1MAX=Maximum device resistance at 23℃ 1 hour after tripping.
Physical specifications:
Lead material: Tin plated copper, 22 AWG.
Soldering characteristics: MIL-STD-202, Method 208E.
Insulating coating: Flame retardant epoxy, meet UL-94V-0 requirement.
*NOTE: All FRHV products are designed to assist equipment to pass ITU, UL60950 or GR1089 specification.
*FRH150-600MF, FRH160-600VF meet UL497A Overvoltage and Endurance Conditioning requirements for Thermistor type
component.
CAUTION: FRHV devices are not intended for continous use of Line Voltage such as 120VAC~600VAC and above.


Similar Part No. - FRHV

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
FRH080-250 DBLECTRO-FRH080-250 Datasheet
101Kb / 3P
Radial Leaded PTC FRH Series
logo
RFE international
FRH080-250F RFE-FRH080-250F Datasheet
122Kb / 2P
Radial Leaded PPTC FRH Series
logo
DB Lectro Inc
FRH080-250U DBLECTRO-FRH080-250U Datasheet
101Kb / 3P
Radial Leaded PTC FRH Series
logo
RFE international
FRH080-250UF RFE-FRH080-250UF Datasheet
122Kb / 2P
Radial Leaded PPTC FRH Series
logo
Fuzetec Technology Co.,...
FRH080-250VF FUZETEC-FRH080-250VF Datasheet
152Kb / 4P
Radial Leaded PTC Resettable Fuse : FRHV Series
More results

Similar Description - FRHV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC36184 ETC1-MC36184 Datasheet
275Kb / 3P
Radial Leaded PTC Resettable Fuse
MC33162 ETC2-MC33162 Datasheet
275Kb / 3P
Radial Leaded PTC Resettable Fuse
MC33158 ETC2-MC33158 Datasheet
275Kb / 3P
Radial Leaded PTC Resettable Fuse
logo
RFE international
FHE RFE-FHE Datasheet
348Kb / 3P
Radial Leaded PTC Resettable Fuse:
2021/04/08
FHT RFE-FHT Datasheet
326Kb / 4P
Radial Leaded PTC Resettable Fuse
2021/04/06
FRT RFE-FRT Datasheet
259Kb / 3P
Radial Leaded PTC Resettable Fuse
2021/03/31
FRU RFE-FRU Datasheet
260Kb / 3P
Radial Leaded PTC Resettable Fuse
2021/03/23
FRVL RFE-FRVL Datasheet
293Kb / 4P
Radial Leaded PTC Resettable Fuse
2021/04/06
FRX60 RFE-FRX60 Datasheet
282Kb / 4P
Radial Leaded PTC Resettable Fuse
2021/03/23
FUSB RFE-FUSB Datasheet
260Kb / 4P
Radial Leaded PTC Resettable Fuse
2021/03/29
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com