Electronic Components Datasheet Search
  English  ▼

X  

FRT Datasheet(PDF) 2 Page - RFE international

Part # FRT
Description  Radial Leaded PTC Resettable Fuse
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

FRT Datasheet(HTML) 2 Page - RFE international

  FRT Datasheet HTML 1Page - RFE international FRT Datasheet HTML 2Page - RFE international FRT Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NO.
PQ15-101E
Product Specification and Approval Sheet Version 1 Page 2/3
Designed and manufactured by Fuzetec Technology Co., Ltd., offered by RFE International, Inc.
NOTE: Specification subject to change without notice.
2021/03/31
4. Production Dimensions (millimeter)
Lead Size: 24AWG
φ0.51 mm Diameter
Part
Number
A
B
C
D
E
F
Maximum
Maximum
Typical
Minimum
Maximum
Typical
FRT050-33F
7.4
12.2
5.1
7.6
3.0
1.1
FRT075-33F
7.4
12.2
5.1
7.6
3.0
1.1
FRT090-33F
7.4
12.2
5.1
7.6
3.0
1.1
FRT120-33F
7.4
12.2
5.1
7.6
3.0
1.1
FRT135-33F
7.4
14.2
5.1
7.6
3.0
1.1
FRT160-33F
7.4
14.0
5.1
7.6
3.0
1.1
FRT190-33F
9.0
13.5
5.1
7.6
3.0
1.1
FRT220-33F
10.0
17.0
5.1
7.6
3.0
1.1
FRT250-33F
10.0
19.5
5.1
7.6
3.0
1.1
5. Thermal Derating Curve
0%
50%
100%
150%
200%
-40
-20
0
20
40
60
80
Ambient Temperature (℃)
FRT Series



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com