Electronic Components Datasheet Search
  English  ▼

X  

FRT Datasheet(PDF) 1 Page - RFE international

Part # FRT
Description  Radial Leaded PTC Resettable Fuse
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

FRT Datasheet(HTML) 1 Page - RFE international

  FRT Datasheet HTML 1Page - RFE international FRT Datasheet HTML 2Page - RFE international FRT Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NO.
PQ15-101E
Product Specification and Approval Sheet Version 1 Page 1/3
Designed and manufactured by Fuzetec Technology Co., Ltd., offered by RFE International, Inc.
NOTE: Specification subject to change without notice.
2021/03/31
Radial Leaded PTC Resettable Fuse: FRT Series
1. Summary
(a) RoHS Compliant (Lead Free) Product
(b) Applications: IEEE 1394 FireWire, Computers & Consumer electronics
(c) Product Features: Fast trip time, Lower Trip-to-hold Ratio, Radial-leaded product
Product Features: ideal for up to 36VDC
(d) Operation Current: 0.50A~2.50A
(e) Maximum Voltage: 36VDC
(f) Temperature Range: -40℃ to 85℃
2. Agency Recognition
UL:
File No. E211981
C-UL:
File No. E211981
TÜV:
File No. R50004084
3. Electrical Characteristics (23℃)
Part
Number
Hold
Current
Trip
Current
Max. Time
to Trip
Max.
Current
Rated
Voltage
Typ.
Power
Resistance
RMIN
R1MAX
IH, A
IT, A
at 5XIH, s
IMAX, A
VMAX, VDC
Pd, W
Ohm
Ohm
FRT050-33F
0.50
1.10
5.0
40
36
0.67
0.140
0.448
FRT075-33F
0.75
1.50
4.0
40
36
0.71
0.115
0.368
FRT090-33F
0.90
1.80
3.5
40
36
0.74
0.090
0.288
FRT120-33F
1.20
2.30
3.5
40
36
0.78
0.074
0.180
FRT135-33F
1.35
2.50
4.5
40
36
0.84
0.059
0.143
FRT160-33F
1.60
2.75
4.5
40
36
0.86
0.041
0.131
FRT190-33F
1.90
3.00
3.5
40
36
0.90
0.045
0.092
FRT220-33F
2.20
3.50
6.5
40
36
0.95
0.025
0.080
FRT250-33F
2.50
4.00
8.0
40
36
0.99
0.020
0.064
IH=Hold current-maximum current at which the device will not trip at 23℃ still air.
IT=Trip current-minimum current at which the device will always trip at 23℃ still air.
VMAX=Maximum voltage device can withstand without damage at its rated current.
IMAX= Maximum fault current device can withstand without damage at rated voltage (VMAX).
Pd=Typical power dissipated from device when in tripped state in 23℃ still air environment.
RMIN=Minimum device resistance at 23℃.
R1MAX=Maximum device resistance at 23℃, 1 hour after tripping.
Physical specifications:
Lead material: Tin plated copper clad steel, 24 AWG.
Soldering characteristics: MIL-STD-202, Method 208E.
Insulating coating: Flame retardant epoxy, meets UL-94V-0 requirement.


Similar Part No. - FRT

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
FRT MSYSTEM-FRT Datasheet
114Kb / 4P
Space-saving Plug-in Signal Conditioners F-UNIT
FRT-00-K MSYSTEM-FRT-00-K Datasheet
114Kb / 4P
Space-saving Plug-in Signal Conditioners F-UNIT
FRT-00-K/Q MSYSTEM-FRT-00-K/Q Datasheet
114Kb / 4P
Space-saving Plug-in Signal Conditioners F-UNIT
FRT-00-L MSYSTEM-FRT-00-L Datasheet
114Kb / 4P
Space-saving Plug-in Signal Conditioners F-UNIT
FRT-00-L/Q MSYSTEM-FRT-00-L/Q Datasheet
114Kb / 4P
Space-saving Plug-in Signal Conditioners F-UNIT
More results

Similar Description - FRT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC36184 ETC1-MC36184 Datasheet
275Kb / 3P
Radial Leaded PTC Resettable Fuse
MC33162 ETC2-MC33162 Datasheet
275Kb / 3P
Radial Leaded PTC Resettable Fuse
MC33158 ETC2-MC33158 Datasheet
275Kb / 3P
Radial Leaded PTC Resettable Fuse
logo
RFE international
FHE RFE-FHE Datasheet
348Kb / 3P
Radial Leaded PTC Resettable Fuse:
2021/04/08
FHT RFE-FHT Datasheet
326Kb / 4P
Radial Leaded PTC Resettable Fuse
2021/04/06
FRHV RFE-FRHV Datasheet
290Kb / 4P
Radial Leaded PTC Resettable Fuse
2021/04/07
FRU RFE-FRU Datasheet
260Kb / 3P
Radial Leaded PTC Resettable Fuse
2021/03/23
FRVL RFE-FRVL Datasheet
293Kb / 4P
Radial Leaded PTC Resettable Fuse
2021/04/06
FRX60 RFE-FRX60 Datasheet
282Kb / 4P
Radial Leaded PTC Resettable Fuse
2021/03/23
FUSB RFE-FUSB Datasheet
260Kb / 4P
Radial Leaded PTC Resettable Fuse
2021/03/29
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com