Electronic Components Datasheet Search
  English  ▼

X  

FRT Datasheet(PDF) 3 Page - RFE international

Part # FRT
Description  Radial Leaded PTC Resettable Fuse
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

FRT Datasheet(HTML) 3 Page - RFE international

  FRT Datasheet HTML 1Page - RFE international FRT Datasheet HTML 2Page - RFE international FRT Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NO.
PQ15-101E
Product Specification and Approval Sheet Version 1 Page 3/3
Designed and manufactured by Fuzetec Technology Co., Ltd., offered by RFE International, Inc.
NOTE: Specification subject to change without notice.
2021/03/31
6. Typical Time-to-Trip at 23℃
0.01
0.1
1
10
100
1000
0.1
1
10
100
Fault current (A)
A B C DE FGH I
7. Material Specification
Lead material: Tin plated copper clad steel, 24 AWG.
Soldering characteristics: MIL-STD-202, Method 208E.
Insulating coating: Flame retardant epoxy, meets UL-94V-0 requirement.
8. Part Numbering and Marking System
Part Numbering System
Part Marking System
F R T □ □ □ ─ □ □ F
Note: Font on Marking may look slightly different due to fine turnings of each Marking printer.
Warning: - Each product should be carefully evaluated and tested for their suitability of application.
- Operation beyond the specified maximum rating or improper use may result in damage and possible electrical arcing and/or flame.
- PPTC device are intended for occasional overcurrent protection. Application for repeated overcurrent condition and/or prolonged
trip are not anticipated.
- Avoid contact of PPTC device with chemical solvent, including some inert material such as silicone based oil, lubricant and etc.
Prolonged contact will damage the device performance.
- Additional protection mechanism are strongly recommended to be used in conjunction with the PPTC device for protection against
abnormal or failure conditions.
- Avoid use of PPTC device in a constrained space such as potting material, housing and containers where have limited space to
accommodate device thermal expansion and/or contraction.
F
Fuzetec Logo
RT □ □ □ F
□ □ □ □
F
RT135F
91AB
A= FRT050-33F
B= FRT075-33F
C= FRT090-33F
D= FRT120-33F
E= FRT135-33F
F= FRT160-33F
G= FRT190-33F
H= FRT220-33F
I = FRT250-33F
Date Code / Lot Number
Product Family
Part Identification
Voltage Rating
Current Rating
RoHS Compliant / Lead Free
RoHS Compliant / Lead Free
Example



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com