Electronic Components Datasheet Search
  English  ▼

X  

RMHV Datasheet(PDF) 2 Page - RFE international

Part # RMHV
Description  SURFACE MOUNT RESISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

RMHV Datasheet(HTML) 2 Page - RFE international

  RMHV Datasheet HTML 1Page - RFE international RMHV Datasheet HTML 2Page - RFE international RMHV Datasheet HTML 3Page - RFE international RMHV Datasheet HTML 4Page - RFE international RMHV Datasheet HTML 5Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SURGE PERFORMANCE CURVE
Page 2 of 5
PERORMANCE CHARACTERISTICS
Power Derating Curve
Power rating or current rating is in the case based on continuous full-load at ambient
temperature of 70ºC. For operation at ambient temperature in excess of 70ºC, the load
should be derated in accordance with figure of derating Curve.
100
80
1
60
40
1
20
1
0
-55 0
20
40
60 70 80 100 120 140 160
155°C
Operating Temperature Range
-55°C to +155°C
Ambient Temperature (°)
Voltage Rating or Current Rating
Resistance Range: >1Ω
Rated Voltage: The resistor shall have a DC continuous working voltage or a RMS AC
continuous working voltage at commercial-line frequency and wave form
corresponding to the power rating, as determined formula as follows:
E = Rated Voltage (V)
P = Power Rating (W)
R = Nominal Resistance (Ω)
E = √P x R
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
SURFACE MOUNT RESISTOR
RoHS
RMHV Series: Triple Power & Anti-Surge
0.0001
0.1
1.0
10
100
1000
0.001
0.01
0.1
1.0
RMHV Surge Performance
0603
0805
Surge Duration (Sec)
1206
C3BB08
2022.01.19



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com