Electronic Components Datasheet Search
  English  ▼

X  

RMHV Datasheet(PDF) 1 Page - RFE international

Part # RMHV
Description  SURFACE MOUNT RESISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

RMHV Datasheet(HTML) 1 Page - RFE international

  RMHV Datasheet HTML 1Page - RFE international RMHV Datasheet HTML 2Page - RFE international RMHV Datasheet HTML 3Page - RFE international RMHV Datasheet HTML 4Page - RFE international RMHV Datasheet HTML 5Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
INTRODUCTION
RFE International, Inc. offers a wide range of
chip resistors to meet your application
requirements. They are made with metal
glazed thick film on a high purity ceramic
substrate which is overcoated for stability
and protection.
Page 1 of 5
PART NUMBER EXAMPLE
RESISTANCE CODE
ELECTRICAL CHARACTERISTICS & RESISTANCE RANGE
• Standard Series See RM Series
• Anti-Sulfur Thick Film see RMS Series
• High Power Thick Film see RMH Series
• Anti-Sulfur see RMV Series
• Anti-Sulfur High Power see RMP Series
• Thin Film see RMT Series
• Fusible Resistors see RMF Series
• Thick Film Array Chip see RCN Series
• Metal Array Low-Resistance see LR Series
RMHV 10 R - 10K - J Q
Size Code
Series
Taped & Reeled
Tolerance Code
Resistance Code
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
SURFACE MOUNT RESISTOR
RoHS
RMHV Series: Triple Power & Anti-Surge
C3BB08
2022.01.19
Blank - Standard
Q = AECQ200
Ohms
Code
1.0
1.5K
100
15K
1.0 Meg
1R0
100R
1K5
15K
1M0
F (±1%)
J (±5%)
±100
10Ω ~ 1MΩ
---
±200
1Ω ~ 9.76Ω
1Ω ~ 1MΩ
±100
10Ω ~ 1MΩ
---
±150
1Ω ~ 9.76Ω
---
±200
---
1Ω ~ 1MΩ
±100
1Ω ~ 1MΩ
---
±200
---
1Ω ~ 1MΩ
Resistance Range
T.C.R.
(PPM/°C)
Code
Size
Rated
Power
at 70°C
Max.
Working
Voltage
Max.
Overload
Voltage
RMHV06
(0603)
1/3 W
75V
125V
RMHV10
(0805)
1/2 W
200V
300V
RMHV12
(1206)
3/4 W
250V
500V
DIMENSIONS
D
H
L
C
W
Glass Passivation
L
W
H
C
D
RMHV06 (0603)
1.60±0.20 0.80±0.15 0.40±0.10 0.20±0.10 0.20±0.10
RMHV10 (0805)
2.00±0.20 1.25±0.15 0.50±0.15 0.30±0.15 0.40±0.15
RMHV12 (1206)
3.05±0.10 1.60±0.20 0.55±0.15 0.40±0.20 0.50±0.20
Size
Code
Max. Dimension (mm)


Similar Part No. - RMHV

ManufacturerPart #DatasheetDescription
logo
Japan Automatic Machine...
RMH JAM-RMH Datasheet
321Kb / 5P
2 Rectangular Connectors - Housings Receptacle White 0.098" (2.50mm)
logo
RFE international
RMH RFE-RMH Datasheet
1Mb / 5P
SMD Resistor - High Power
OCT-27-2023
logo
Taiyo Yuden (U.S.A.), I...
RMH-10V331MG10U-R2 TAIYO-YUDEN-RMH-10V331MG10U-R2 Datasheet
251Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMH]
RMH-10V331MG10UQ-R2 TAIYO-YUDEN-RMH-10V331MG10UQ-R2 Datasheet
251Kb / 2P
FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMH]
RMH-10V471MG10U-R2 TAIYO-YUDEN-RMH-10V471MG10U-R2 Datasheet
251Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMH]
More results

Similar Description - RMHV

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
CR0805F1000FT IRCTT-CR0805F1000FT Datasheet
307Kb / 3P
Surface Mount Resistor
logo
List of Unclassifed Man...
RC1206 ETC1-RC1206 Datasheet
433Kb / 9P
Chip Resistor Surface Mount
logo
Dubilier
RPC25103J DUBILIER-RPC25103J_11 Datasheet
266Kb / 3P
SURFACE MOUNT SURFACE MOUNT CHIP RESISTOR RPC
logo
Bourns Electronic Solut...
PWR4525 BOURNS-PWR4525 Datasheet
123Kb / 2P
SURFACE MOUNT WIREWOUND RESISTOR
PWR2615 BOURNS-PWR2615 Datasheet
123Kb / 2P
SURFACE MOUNT WIREWOUND RESISTOR
logo
YAGEO Corporation
TC164-JR-070RL YAGEO-TC164-JR-070RL Datasheet
338Kb / 8P
Chip Resistor Surface Mount
logo
Dubilier
RPC DUBILIER-RPC Datasheet
266Kb / 3P
SURFACE MOUNT CHIP RESISTOR
logo
RFE international
RM02 RFE-RM02 Datasheet
1Mb / 5P
Surface Mount Resistor
DEC-01-2023
RMQ RFE-RMQ Datasheet
270Kb / 4P
SURFACE MOUNT RESISTOR
2015.04.15
RMV RFE-RMV Datasheet
705Kb / 4P
SURFACE MOUNT RESISTOR
2017.12.21
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com