Electronic Components Datasheet Search
  English  ▼

X  

RMHV Datasheet(PDF) 3 Page - RFE international

Part # RMHV
Description  SURFACE MOUNT RESISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

RMHV Datasheet(HTML) 3 Page - RFE international

  RMHV Datasheet HTML 1Page - RFE international RMHV Datasheet HTML 2Page - RFE international RMHV Datasheet HTML 3Page - RFE international RMHV Datasheet HTML 4Page - RFE international RMHV Datasheet HTML 5Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Page 3 of 5
PULSE LOAD DATA
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
SURFACE MOUNT RESISTOR
RoHS
RMHV Series: Triple Power & Anti-Surge
Size
0.000001 Sec
0.00001 Sec
0.0001 Sec
0.001 Sec
0.01 Sec
0.1 Sec
1 Sec
RMHV06 (0603)
--
90
45
15
4.5
2.25
0.4
RMHV10 (0805)
--
180
65
30
7.0
3.5
0.65
RMHV12 (1206)
875
350
100
45
20
4.5
1.2
Single Pulse Load, max
Maximum pulse load, single pulse; V ≤ V max working. Permissible resistance change
equivalent to 8000 h operation
This data is for reference only and represents typical performance. The actual performance
may vary depending upon operating conditions, such as (but not limited to) temperature
and application environment.
Size
0.000001 Sec
0.00001 Sec
0.0001 Sec
0.001 Sec
0.01 Sec
0.1 Sec
1 Sec
RMHV06 (0603)
--
50
20
7
2.5
0.95
0.4
RMHV10 (0805)
--
100
40
10.5
5
1.5
0.55
RMHV12 (1206)
375
200
80
27
9
3
0.9
Continuous Pulse Load, max
Maximum pulse load, continuous pulse; nom P ≤ rated P and V ≤ V max working.
Permissible resistance change equivalent to 8000 h operation
This data is for reference only and represents typical performance. The actual performance
may vary depending upon operating conditions, such as (but not limited to) temperature
and application environment.
C3BB08
2022.01.19



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com