Electronic Components Datasheet Search
  English  ▼

X  

EL1510CS Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL1510CS
Description  Medium Power Differential Line Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL1510CS Datasheet(HTML) 3 Page - Intersil Corporation

  EL1510CS Datasheet HTML 1Page - Intersil Corporation EL1510CS Datasheet HTML 2Page - Intersil Corporation EL1510CS Datasheet HTML 3Page - Intersil Corporation EL1510CS Datasheet HTML 4Page - Intersil Corporation EL1510CS Datasheet HTML 5Page - Intersil Corporation EL1510CS Datasheet HTML 6Page - Intersil Corporation EL1510CS Datasheet HTML 7Page - Intersil Corporation EL1510CS Datasheet HTML 8Page - Intersil Corporation EL1510CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
FN7122.2
March 26, 2007
Typical Performance Curves
FIGURE 1. DIFFERENTIAL FREQUENCY RESPONSE vs RF
FIGURE 2. DIFFERENTIAL BANDWIDTH vs SUPPLY VOLTAGE
FIGURE 3. DIFFERENTIAL FREQUENCY RESPONSE vs RF
FIGURE 4. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 5. DIFFERENTIAL FREQUENCY RESPONSE vs CL
FIGURE 6. DIFFERENTIAL TOTAL HARMONIC DISTORTION
vs DIFFERENTIAL OUTPUT VOLTAGE - ALL
PACKAGES
28
24
20
16
12
8
100K
FREQUENCY (Hz)
1M
100M
10M
RF=1.5kΩ
RF=1kΩ
VS=±12V
AV=10
RL=100Ω
RF=2kΩ
55
51
47
43
39
35
58
10
±VS (V)
12
53
49
45
41
37
67
9
11
AV=5
RF=1.5kΩ
RL=100Ω
8 Ld DFN
8 Ld SO
22
18
14
10
6
2
100K
1M
FREQUENCY (Hz)
100M
10M
RF=2kΩ
RF=1.5kΩ
RF=1kΩ
VS=±12V
AV=5
RL=100Ω
16
12
8
4
2
0
03
8
±VS (V)
13
14
10
6
15
10
26
11
49
12
7
22
18
14
10
6
2
100K
1M
FREQUENCY (Hz)
100M
10M
CL=22pF
CL=0pF
CL=10pF
VS=±12V
AV=5
RL=100Ω
RF=1.5kΩ
-45
-50
-60
-70
-80
-90
VOP-P (V)
-55
-65
-75
-85
113
33
45
521
925
37
17
41
29
VS=±6V
VS=±12V
VS=±6V
AV=5
RF=1.5kΩ
RL=100Ω
f=1MHz
EL1510



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com