Electronic Components Datasheet Search
  English  ▼

X  

EL1510CS Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL1510CS
Description  Medium Power Differential Line Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL1510CS Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL1510CS Datasheet HTML 2Page - Intersil Corporation EL1510CS Datasheet HTML 3Page - Intersil Corporation EL1510CS Datasheet HTML 4Page - Intersil Corporation EL1510CS Datasheet HTML 5Page - Intersil Corporation EL1510CS Datasheet HTML 6Page - Intersil Corporation EL1510CS Datasheet HTML 7Page - Intersil Corporation EL1510CS Datasheet HTML 8Page - Intersil Corporation EL1510CS Datasheet HTML 9Page - Intersil Corporation EL1510CS Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
FN7122.2
March 26, 2007
FIGURE 19. SUPPLY CURRENT vs TEMPERATURE
FIGURE 20. SLEW RATE vs TEMPERATURE
FIGURE 21. INPUT BIAS CURRENT vs TEMPERATURE
FIGURE 22. OUTPUT VOLTAGE vs TEMPERATURE
FIGURE 23. OFFSET VOLTAGE vs TEMPERATURE
FIGURE 24. OUTPUT VOLTAGE vs TEMPERATURE
Typical Performance Curves (Continued)
16
15.5
14
13
DIE TEMPERATURE (°C)
14.5
13.5
-50
100
150
-25
0
50
125
25
75
15
490
470
410
370
350
DIE TEMPERATURE (°C)
430
390
-50
100
150
-25
0
50
125
25
75
450
18
-2
DIE TEMPERATURE (°C)
8
0
14
4
16
6
10
2
-50
100
150
-25
0
50
125
25
75
12
IB+
IB-
11.1
11
10.7
DIE TEMPERATURE (°C)
10.8
-50
100
150
050
10.9
VS=±12V
RL=200Ω
10
-2
6
2
0
4
8
DIE TEMPERATURE (°C)
-50
100
150
-25
0
50
125
25
75
-10.6
-10.8
-11.2
DIE TEMPERATURE (°C)
-11
-50
150
050
100
VS=±12V
RL=200Ω
EL1510



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com