Electronic Components Datasheet Search
  English  ▼

X  

EL1510CS Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL1510CS
Description  Medium Power Differential Line Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL1510CS Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL1510CS Datasheet HTML 2Page - Intersil Corporation EL1510CS Datasheet HTML 3Page - Intersil Corporation EL1510CS Datasheet HTML 4Page - Intersil Corporation EL1510CS Datasheet HTML 5Page - Intersil Corporation EL1510CS Datasheet HTML 6Page - Intersil Corporation EL1510CS Datasheet HTML 7Page - Intersil Corporation EL1510CS Datasheet HTML 8Page - Intersil Corporation EL1510CS Datasheet HTML 9Page - Intersil Corporation EL1510CS Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
FN7122.2
March 26, 2007
Applications Information
Product Description
The EL1510 is a dual operational amplifier designed for line
driving in DMT ADSL solutions. It is a dual current mode
feedback amplifier with low distortion while drawing
moderately low supply current. It is built using Elantec's
proprietary complimentary bipolar process and is offered in
industry standard pin-outs. Due to the current feedback
architecture, the EL1510 closed-loop 3dB bandwidth is
dependent on the value of the feedback resistor. First the
desired bandwidth is selected by choosing the feedback
resistor, RF, and then the gain is set by picking the gain
resistor, RG. The curves at the beginning of the Typical
Performance Curves section show the effect of varying both
RF and RG. The 3dB bandwidth is somewhat dependent on
the power supply voltage.
Power Supply Bypassing and Printed Circuit
Board Layout
As with any high frequency device, good printed circuit
board layout is necessary for optimum performance. Ground
plane construction is highly recommended. Lead lengths
should be as short as possible, below ¼”. The power supply
pins must be well bypassed to reduce the risk of oscillation.
A 1.0µF tantalum capacitor in parallel with a 0.01µF ceramic
capacitor is adequate for each supply pin.
For good AC performance, parasitic capacitances should be
kept to a minimum, especially at the inverting input. This
implies keeping the ground plane away from this pin. Carbon
resistors are acceptable, while use of wire-wound resistors
should not be used because of their parasitic inductance.
Similarly, capacitors should be low inductance for best
performance.
FIGURE 25. TRANSIMPEDANCE vs TEMPERATURE
FIGURE 26. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 27. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 28. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
3.5
0
2
3
1
0.5
1.5
2.5
DIE TEMPERATURE (°C)
-50
100
150
-25
0
50
125
25
75
1.136W
θ
JA =1
10°
C/W
SO
8
1.8
1.6
1.4
0.8
0.6
0.2
0
0
25
50
75
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.4
1
1.2
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD - DFN EXPOSED
DIEPAD SOLDERED TO PCB PER JESD51-5
4.5
4
3
2
1
0.5
0
0
25
50
75
100
150
AMBIENT TEMPERATURE (°C)
125
85
θ
JA =4
3°C/
W
DF
N8
2.907W
3.5
2.5
1.5
781mW
θ
JA =
160
°C
/W
SO
8 &
DF
N8
1.2
1
0.8
0.6
0.2
0
0
25
50
75
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.4
EL1510



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com