Electronic Components Datasheet Search
  English  ▼

X  

ADF4382ABCCZ Datasheet(PDF) 39 Page - Analog Devices

Part # ADF4382ABCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4382ABCCZ Datasheet(HTML) 39 Page - Analog Devices

Back Button ADF4382ABCCZ Datasheet HTML 35Page - Analog Devices ADF4382ABCCZ Datasheet HTML 36Page - Analog Devices ADF4382ABCCZ Datasheet HTML 37Page - Analog Devices ADF4382ABCCZ Datasheet HTML 38Page - Analog Devices ADF4382ABCCZ Datasheet HTML 39Page - Analog Devices ADF4382ABCCZ Datasheet HTML 40Page - Analog Devices ADF4382ABCCZ Datasheet HTML 41Page - Analog Devices ADF4382ABCCZ Datasheet HTML 42Page - Analog Devices ADF4382ABCCZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
Data Sheet
ADF4382A
REGISTER MAP
analog.com
Rev. 0 | 39 of 70
REGISTER DETAILS
Address: 0x000, Reset: 0x00, Name: REG0000
Table 27. Bit Descriptions for REG0000
Bits
Bit Name
Description
Reset
Access
7
SOFT_RESET_R
Repeat of SOFT_RESET.
0x0
R/W
6
LSB_FIRST_R
Repeat of LSB_FIRST.
0x0
R/W
5
ADDRESS_ASCENSION_R
Repeat of ADDRESS_ASCENSION.
0x0
R/W
4
SDO_ACTIVE_R
Repeat of SDO_ACTIVE.
0x0
R/W
3
SDO_ACTIVE
Choose Between 3-Wire or 4-Wire Operation.
0x0
R/W
0: 3-wire.
1: 4-wire SPI (enables SDO and SDIO becomes an input only).
2
ADDRESS_ASCENSION
Address Ascension When Streaming.
0x0
R/W
0: address autodecrements when streaming.
1: address autoincrements when streaming.
1
LSB_FIRST
I/O Data Oriented LSB First.
0x0
R/W
0: MSB first.
1: LSB first.
0
SOFT_RESET
Reset SPI Registers Except REG0000 to POR State. Self-Clearing Reset
0x0
R/W
0: normal operation.
1: soft reset.
Address: 0x001, Reset: 0x00, Name: REG0001
Table 28. Bit Descriptions for REG0001
Bits
Bit Name
Description
Reset
Access
7
SINGLE_INSTRUCTION
Single Instruction.
0x0
R/W
0: SPI streaming enabled.
1: SPI streaming disabled.
6
REG01_RSV6
Reserved. Table 26 provides required reserved register settings.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com