Electronic Components Datasheet Search
  English  ▼

X  

ADF4382ABCCZ Datasheet(PDF) 51 Page - Analog Devices

Part # ADF4382ABCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4382ABCCZ Datasheet(HTML) 51 Page - Analog Devices

Back Button ADF4382ABCCZ Datasheet HTML 47Page - Analog Devices ADF4382ABCCZ Datasheet HTML 48Page - Analog Devices ADF4382ABCCZ Datasheet HTML 49Page - Analog Devices ADF4382ABCCZ Datasheet HTML 50Page - Analog Devices ADF4382ABCCZ Datasheet HTML 51Page - Analog Devices ADF4382ABCCZ Datasheet HTML 52Page - Analog Devices ADF4382ABCCZ Datasheet HTML 53Page - Analog Devices ADF4382ABCCZ Datasheet HTML 54Page - Analog Devices ADF4382ABCCZ Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 70 page
background image
Data Sheet
ADF4382A
REGISTER MAP
analog.com
Rev. 0 | 51 of 70
Table 66. Bit Descriptions for REG002D (Continued)
Bits
Bit Name
Description
Reset
Access
1: enable loss of lock detector.
4
EN_LDWIN
Enable the Lock Detector Pulse Window.
0x0
R/W
0: lock detector pulse window disabled.
1: lock detector pulse window enabled.
3
PDET_POL
Reserved.
0x0
R/W
2
RST_LD
Reset Lock Detector to the Unlocked State.
0x0
R/W
0: reset inactive.
1: reset active.
[1:0]
LD_O_CTRL
Control LKDET Pin State.
0x0
R/W
Address: 0x02E, Reset: 0x00, Name: REG002E
Table 67. Bit Descriptions for REG002E
Bits
Bit Name
Description
Reset
Access
[7:4]
MUXOUT
Select Test Signal to MUXOUT.
0x0
R/W
0000: High-Z.
0001: LKDET.
0010: DEL_STR.
0011: low.
0100: DIV_RCLK/2.
0101: DIV_NCLK/2.
0110: reserved.
0111: low.
1000: high.
1001: reserved.
1010: reserved.
1011: low.
1100: low.
1101: low.
1110: REF_OK.
1111: reserved.
3
ABPW_WD
PFD Antibacklash Pulse Width.
0x0
R/W
2
EN_CPTEST
Enable Charge Pump Force Up or Down Test Mode.
0x0
R/W
0: charge pump force up or down test mode off (normal operation).
1: charge pump force up or down test mode on.
1
CP_DOWN
Force Pump-Down Charge Pump Test Mode.
0x0
R/W
0: force pump down off.
1: force pump down on.
0
CP_UP
Force Pump-Up Charge Pump Test Mode.
0x0
R/W
0: force pump up off.
1: force pump up on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com