Electronic Components Datasheet Search
  English  ▼

X  

IR2125Z Datasheet(PDF) 2 Page - International Rectifier

Part # IR2125Z
Description  CURRENT LIMITING SINGLE CHANNEL DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2125Z Datasheet(HTML) 2 Page - International Rectifier

  IR2125Z Datasheet HTML 1Page - International Rectifier IR2125Z Datasheet HTML 2Page - International Rectifier IR2125Z Datasheet HTML 3Page - International Rectifier IR2125Z Datasheet HTML 4Page - International Rectifier IR2125Z Datasheet HTML 5Page - International Rectifier IR2125Z Datasheet HTML 6Page - International Rectifier IR2125Z Datasheet HTML 7Page - International Rectifier IR2125Z Datasheet HTML 8Page - International Rectifier IR2125Z Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
IR2125Z
2
www.irf.com
Recommended Operating Conditions
The Input/Output logic timing diagram is shown in Figure 1. For proper operation the device should be
used within the recommended conditions. The VS offset ratings are tested with all supplies biased at
15V differential.
Symbol
Parameter
Min.
Max.
Units
VB
High Side Floating Supply Absolute Voltage
VS + 12
VS + 18
VS
High Side Floating Supply Offset Voltage
-5
400
VHO
High Side Floating Output Voltage
VS
VB
VCC
Low Side Fixed Supply Voltage
12
18
V
VIN
Logic Input Voltage
VSS
VCC
VERR
Error Signal Voltage
VSS
VCC
VCS
Current Sense Signal Voltage
VS
VB
Tj = 25°C
Tj =
-55 to 125°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Max.
Units
Test Conditions
ton
Turn-On Propagation Delay
—
150
200
—
270
toff
Turn-Off Propagation Delay
—
150
300
—
330
tr
Turn-On Rise Time
—
43
60
—
80
VS = 0V to 400V
tf
Turn-Off Fall Time
—
26
35
—
50
CL = 3300pf
tcs
CS to output shutdown propagation
—
0.7
1.2
—
1.4
delay
tsd
Shutdown Propagation Delay
—
1.7
2.2
—
2.5
µs
terr
CS to ERR pull-up propagation time
—
9
22
—
25
VS = 0V TO 400V
Cerr= 270pf
ns
Dynamic Electrical Characteristics
VBIAS (VCC, VBS) = 15V, and CL = 3300 PF and Ta = 25°C unless otherwise specified. The dynamic
electrical characteristics are measured using the test circuit shown in Figure 3 through 6.
Typical Connection
V
CC
V
B
CS
OUT
V
S
COM
IN
ERR
V
CC
IN
TO
LOAD
up to 400V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com