Electronic Components Datasheet Search
  English  ▼

X  

IR2125Z Datasheet(PDF) 13 Page - International Rectifier

Part # IR2125Z
Description  CURRENT LIMITING SINGLE CHANNEL DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2125Z Datasheet(HTML) 13 Page - International Rectifier

Back Button IR2125Z Datasheet HTML 8Page - International Rectifier IR2125Z Datasheet HTML 9Page - International Rectifier IR2125Z Datasheet HTML 10Page - International Rectifier IR2125Z Datasheet HTML 11Page - International Rectifier IR2125Z Datasheet HTML 12Page - International Rectifier IR2125Z Datasheet HTML 13Page - International Rectifier IR2125Z Datasheet HTML 14Page - International Rectifier IR2125Z Datasheet HTML 15Page - International Rectifier IR2125Z Datasheet HTML 16Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
IR2125Z
www.irf.com
13
0.00
1.00
2.00
3.00
4.00
5.00
-50
-25
0
25
50
75
100
125
Temperature (°C)
Typ.
Min.
0.00
0.50
1.00
1.50
2.00
2.50
-50
-25
0
25
50
75
100
125
Temperature (°C)
Typ.
Min.
0
10
20
30
40
50
-50
-25
0
25
50
75
100
125
Temperature (°C)
Typ.
Min.
Figure 34A. Output Source Current
vs.Temperature
Figure 34B. Output Source Current vs. Voltage
Figure 33A. ERR Pull-Down Current
vs.Temperature
Figure 33B. ERR Pull-Down Current vs. Voltage
Figure 35A. Output Sink Current vs.Temperature
Figure 35B. Output Sink Current vs. Voltage
0
10
20
30
40
50
10
12
14
16
18
20
VCC Logic Supply Voltage (V)
Max.
Typ.
0.00
0.50
1.00
1.50
2.00
2.50
10
12
14
16
18
20
VBS Floating Supply Voltage (V)
Min.
Typ.
0.00
1.00
2.00
3.00
4.00
5.00
10
12
14
16
18
20
VBS Floating Supply Voltage (V)
Min.
Typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com