Electronic Components Datasheet Search
  English  ▼

X  

IR2125Z Datasheet(PDF) 11 Page - International Rectifier

Part # IR2125Z
Description  CURRENT LIMITING SINGLE CHANNEL DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2125Z Datasheet(HTML) 11 Page - International Rectifier

Back Button IR2125Z Datasheet HTML 7Page - International Rectifier IR2125Z Datasheet HTML 8Page - International Rectifier IR2125Z Datasheet HTML 9Page - International Rectifier IR2125Z Datasheet HTML 10Page - International Rectifier IR2125Z Datasheet HTML 11Page - International Rectifier IR2125Z Datasheet HTML 12Page - International Rectifier IR2125Z Datasheet HTML 13Page - International Rectifier IR2125Z Datasheet HTML 14Page - International Rectifier IR2125Z Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
IR2125Z
www.irf.com
11
6.0
7.0
8.0
9.0
10.0
11.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
Typ.
Min.
0.00
1.00
2.00
3.00
4.00
5.00
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
0.0
5.0
10.0
15.0
20.0
25.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
Typ.
Figure 26A. “Low” CS Bias Current vs. Temperature
Figure 26B. “Low” CS Bias Current vs. Voltage
Figure 25A. “High” CS Bias Current vs. Temperature
Figure 25B. “High” CS Bias Current vs. Voltage
Figure 27. VBS Undervoltage (+) vs. Temperature
Figure 28. VBS Undervoltage (-) vs. Temperature
0.0
5.0
10.0
15.0
20.0
25.0
10
12
14
16
18
20
VBS Floating Supply Voltage (V)
Max.
Typ.
0.00
1.00
2.00
3.00
4.00
5.00
10
12
14
16
18
20
VBS Floating Supply Voltage (V)
Max.
6.0
7.0
8.0
9.0
10.0
11.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
Typ.
Min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com