Electronic Components Datasheet Search
  English  ▼

X  

TL18 Datasheet(PDF) 4 Page - TiMOTION Technology Co. Ltd.

Part # TL18
Description  Max. load 4,500N (push)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TL18 Datasheet(HTML) 4 Page - TiMOTION Technology Co. Ltd.

  TL18 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TL18 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TL18 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TL18 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TL18 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TL18 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TL18 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
TL18 Ordering Key
TL18
Version: 20220914-J
Load and Speed
Voltage
Connector
IP Rating
Output Signals
Cable Length (mm)
Color
1 = 12V DC
2 = 24V DC
100-1000
1 = Straight, 500
2 = Straight, 750
3 = Straight, 1000
4 = Straight, 1250
5 = Straight, 1500
6 = Straight, 1750
7 = Straight, 2000
B = For direct cut system
See page 6
1 = DIN 6P, 90° plug
C = Y cable, for direct cut system
D = Molex 8P, without anti-clip, 90° plug
E = Molex 8P, 180° plug
1 = Black (Black cable set)
2 = Silver (428C color cable set)
3 = Silver (Black cable set)
1 = Two switches at full retracted / extended positions to cut current
3 = Two switches at full retracted / extended positions to send signal
Stroke (mm)
Retracted Length
(mm)
Bottom Plate
1 = Small plate
2 = Big plate
See page 2
See page 2
Cable Exit
Top Plate
Special Functions
for Spindle Sub-
Assembly
2 = Bottom side cable
3 = Top side cable
1 = Without
0 = Without
2 = Hall sensor * 2
1 = Small plate
2 = Big plate
0 = Without (standard)
1 = Safety nut
Note
1 TL18 is designed especially for push applications, not suitable for pull applications
Functions for
Limit Switches
See page 6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com