Electronic Components Datasheet Search
  English  ▼

X  

TL18 Datasheet(PDF) 2 Page - TiMOTION Technology Co. Ltd.

Part # TL18
Description  Max. load 4,500N (push)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TL18 Datasheet(HTML) 2 Page - TiMOTION Technology Co. Ltd.

  TL18 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TL18 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TL18 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TL18 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TL18 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TL18 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TL18 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Note
1 Please refer to the approved drawing for the final authentic value.
2 The current & speed in table are tested with 24V DC motor. With a 12V DC motor, the current is approximately twice the current
measured in 24V DC; speed will be similar for both voltages.
3 This self-locking force level is reached only when a short circuit is applied on the terminals of the motor. All the TiMOTION control
boxes have this feature built-in.
4 Bending moment Y direction = X*0.8
5 Static bending moment = dynamic*2
Load and Speed
CODE
Load (N)
Self Locking
Force (N)
Typical Current (A)
Typical Speed (mm/s)
Push
No Load
32V DC
With Load
24V DC
No Load
32V DC
With Load
24V DC
Motor Speed (3800RPM, Duty Cycle 10%)
U
4500
4500
2.5
4.9
11.4
6.6
Z
3000
3000
2.5
5.5
17.1
9.5
W
2000
2000
2.5
4.8
22.9
13.1
S
1500
1500
2.5
4.7
30.0
18.9
V
500
500
2.5
4.0
45.0
28.0
Standard Dimensions
(mm)
Drawing
Bending moment X
Bending moment Y
Dynamic bending moment (Nm)- X direction
Retracted length (mm)
S+147
Stroke (mm)
100-1000
250
169.4
196.4
148.4
121.4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com