Electronic Components Datasheet Search
  English  ▼

X  

TL18 Datasheet(PDF) 1 Page - TiMOTION Technology Co. Ltd.

Part # TL18
Description  Max. load 4,500N (push)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TL18 Datasheet(HTML) 1 Page - TiMOTION Technology Co. Ltd.

  TL18 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TL18 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TL18 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TL18 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TL18 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TL18 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TL18 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
The TL18 column is designed for medical applications such as nurse carts,
ophthalmological devices, X-ray machines, etc.The TL18 features an extruded
aluminum rectangular appearance. Our high capacity, yet economical, TL18
provides stable vertical lifting. This streamlines the engineering design process
and replaces the older style, unsafe lifting mechanisms which have many
moving stages and pinch points.
General Features
Max. load
4,500N (push)
Self-locking force
4,500N
Max. dynamic bending moment
250Nm
Max. static bending moment
500Nm
Max. speed at max. load
6.6mm/s
Max. speed at no load
45mm/s
Retracted length
≥ Stroke + 147mm
Dimension of outer tube
196.4*148.4mm rectangular
Stages
2-stage
Stroke
100~1000mm
Certificate
IEC60601-1, ES60601-1,
IEC60601-1-2, UL73, EMC
Output signals
Hall sensors
Options
Cable exit from top or bottom
side, direct cut system
Voltage
12 / 24V DC
Operational temperature range
+5°C~+45°C
Product Segments
• Care Motion
• Comfort Motion
• Ergo Motion
• Industrial Motion
TL18
series


Similar Part No. - TL18

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TL18017AD1 TRANSKO-TL18017AD1 Datasheet
566Kb / 4P
180.00 MHz IF SAW Filter / 17.08 MHz Bandwidth
Revision 0: 19 Nov. 2009
logo
Texas Instruments
TL182 TI-TL182 Datasheet
293Kb / 6P
BI MOS SWITCHES
logo
List of Unclassifed Man...
TL1838 ETC1-TL1838 Datasheet
478Kb / 4P
TL1838 Infrared Receiver Datasheet
TL1838 ETC-TL1838 Datasheet
1Mb / 4P
IR Receiver Modules for Remote Control Systems
TL1838 ETC-TL1838_V01 Datasheet
1Mb / 4P
IR Receiver Modules for Remote Control Systems
More results

Similar Description - TL18

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
JP4 TIMOTION-JP4 Datasheet
431Kb / 7P
Max. load 4,500N (push); 3,000N (pull)
20230627-H
TA16 TIMOTION-TA16 Datasheet
873Kb / 10P
Max. load 4,500N (push) ; 2,500N (pull)
20231215-Q
TA37 TIMOTION-TA37 Datasheet
828Kb / 8P
Max. load 12,000N (push)
20210910-L
TL12 TIMOTION-TL12 Datasheet
328Kb / 5P
Max. load 800N (push)
20211229-G
TL13 TIMOTION-TL13 Datasheet
354Kb / 5P
Max. load 800N (push)
20210127-F
TL13K TIMOTION-TL13K Datasheet
612Kb / 5P
Max. load 600N (push)
20230726-E
TL17 TIMOTION-TL17 Datasheet
1Mb / 9P
Max. load 2,000N (push)
20230804-L
TL18AC TIMOTION-TL18AC Datasheet
986Kb / 7P
Max. load 4,500N (push)
20220703-E
TL3 TIMOTION-TL3 Datasheet
1Mb / 12P
Max. load 4,000N (push)
20220411-V
TL6 TIMOTION-TL6 Datasheet
545Kb / 6P
Max. load 700N (push)
20220517-G
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com