Electronic Components Datasheet Search
  English  ▼

X  

TL18AC Datasheet(PDF) 4 Page - TiMOTION Technology Co. Ltd.

Part # TL18AC
Description  Max. load 4,500N (push)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TL18AC Datasheet(HTML) 4 Page - TiMOTION Technology Co. Ltd.

  TL18AC Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TL18AC Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TL18AC Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TL18AC Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TL18AC Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TL18AC Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TL18AC Datasheet HTML 7Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
TL18AC Ordering Key
TL18AC
Version: 20220703-E
Load and Speed
Direct Cut
Bottom Plate
AC Input Plug &
Output Socket
Internet Socket
Top Plate
Tubes & Sockets
Position
K = 1 motor direct cut system
L = 1+1 motor direct cut system
1 = Small plate
2 = Big plate
5 = EU
6 = US
7 = AU
8 = UK
0 = Without
1 = With
1 = Small plate
2 = Big plate
See page 6
Stroke (mm)
Retracted Length
(mm)
AC Output Socket
0 = Without
1 = With
See page 2
See page 5
20 - 700
Special Functions
for Spindle Sub-
Assembly
AC Cable Length
(mm)
Color
0 = Without (standard)
1 = Safety nut
5 = Straight, 1500
1 = Black
2 = Matte silver
Note
1 The TL18AC is designed especially for push applications, not suitable for pull applications.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com