Electronic Components Datasheet Search
  English  ▼

X  

TL18AC Datasheet(PDF) 1 Page - TiMOTION Technology Co. Ltd.

Part # TL18AC
Description  Max. load 4,500N (push)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TL18AC Datasheet(HTML) 1 Page - TiMOTION Technology Co. Ltd.

  TL18AC Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TL18AC Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TL18AC Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TL18AC Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TL18AC Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TL18AC Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TL18AC Datasheet HTML 7Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Product Segments
• Care Motion
• Comfort Motion
• Ergo Motion
• Industrial Motion
TL18AC
series
TiMOTION’s TL18AC electric lifting column is designed for industrial and
medical applications such as height adjustable workstations, screen and lifting
tables. The TL18AC features an extruded aluminum rectangular appearance.
It is equipped with AC plug to connect the computers, TV or other device
directly.
General Features
Max. load
4,500N (push)
Self-locking force
4,500N
Max. dynamic bending moment
250Nm
Max. static bending moment
500Nm
Max. speed at max. load
6.6mm/s
Max. speed at no load
45mm/s
Retracted length
≥ 383mm
Dimension of outer tube
196.4*148.4mm rectangular
Stages
2-stage
Stroke
20~700mm
Options
AC cable exit from top end,
top side; Ethernet socket
Operational temperature range
+5°C~+45°C


Similar Part No. - TL18AC

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TL18 TIMOTION-TL18 Datasheet
701Kb / 7P
Max. load 4,500N (push)
20220914-J
logo
Transko Electronics, In...
TL18017AD1 TRANSKO-TL18017AD1 Datasheet
566Kb / 4P
180.00 MHz IF SAW Filter / 17.08 MHz Bandwidth
Revision 0: 19 Nov. 2009
logo
Texas Instruments
TL182 TI-TL182 Datasheet
293Kb / 6P
BI MOS SWITCHES
logo
List of Unclassifed Man...
TL1838 ETC1-TL1838 Datasheet
478Kb / 4P
TL1838 Infrared Receiver Datasheet
TL1838 ETC-TL1838 Datasheet
1Mb / 4P
IR Receiver Modules for Remote Control Systems
More results

Similar Description - TL18AC

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
JP4 TIMOTION-JP4 Datasheet
431Kb / 7P
Max. load 4,500N (push); 3,000N (pull)
20230627-H
TA16 TIMOTION-TA16 Datasheet
873Kb / 10P
Max. load 4,500N (push) ; 2,500N (pull)
20231215-Q
TA37 TIMOTION-TA37 Datasheet
828Kb / 8P
Max. load 12,000N (push)
20210910-L
TL12 TIMOTION-TL12 Datasheet
328Kb / 5P
Max. load 800N (push)
20211229-G
TL13 TIMOTION-TL13 Datasheet
354Kb / 5P
Max. load 800N (push)
20210127-F
TL13K TIMOTION-TL13K Datasheet
612Kb / 5P
Max. load 600N (push)
20230726-E
TL17 TIMOTION-TL17 Datasheet
1Mb / 9P
Max. load 2,000N (push)
20230804-L
TL18 TIMOTION-TL18 Datasheet
701Kb / 7P
Max. load 4,500N (push)
20220914-J
TL3 TIMOTION-TL3 Datasheet
1Mb / 12P
Max. load 4,000N (push)
20220411-V
TL6 TIMOTION-TL6 Datasheet
545Kb / 6P
Max. load 700N (push)
20220517-G
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com