Electronic Components Datasheet Search
  English  ▼

X  

TL18AC Datasheet(PDF) 7 Page - TiMOTION Technology Co. Ltd.

Part # TL18AC
Description  Max. load 4,500N (push)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TL18AC Datasheet(HTML) 7 Page - TiMOTION Technology Co. Ltd.

  TL18AC Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TL18AC Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TL18AC Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TL18AC Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TL18AC Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TL18AC Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TL18AC Datasheet HTML 7Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
TL18AC Ordering Key Appendix
Tubes & socket position B
1 = Small plate
Tubes & socket position B
1 = Small plate
2 = Big plate
2 = Big plate
Tubes & socket position C
1 = Small plate
Tubes & socket position C
1 = Small plate
2 = Big plate
2 = Big plate
Tubes & socket position D
1 = Small plate
Tubes & socket position D
1 = Small plate
2 = Big plate
2 = Big plate
Tubes & socket position E
1 = Small plate
Tubes & socket position E
1 = Small plate
2 = Big plate
2 = Big plate
Terms of Use
The user is responsible for determining the suitability of TiMOTION products for a specific application.
TiMOTION products are subject to change without prior notice.
Top Plate (mm)
Bottom Plate (mm)
230
257
230
257
230
257
230
257
230
257
230
257
230
257
230
257
158
169.4
181
196.4
158
169.4
181
196.4
181
196.4
158
169.4
181
196.4
181
196.4
158
169.4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com