Electronic Components Datasheet Search
  English  ▼

X  

IRS2541SPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRS2541SPBF
Description  LED BUCK REGULATOR CONTROL IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2541SPBF Datasheet(HTML) 3 Page - International Rectifier

  IRS2541SPBF Datasheet HTML 1Page - International Rectifier IRS2541SPBF Datasheet HTML 2Page - International Rectifier IRS2541SPBF Datasheet HTML 3Page - International Rectifier IRS2541SPBF Datasheet HTML 4Page - International Rectifier IRS2541SPBF Datasheet HTML 5Page - International Rectifier IRS2541SPBF Datasheet HTML 6Page - International Rectifier IRS2541SPBF Datasheet HTML 7Page - International Rectifier IRS2541SPBF Datasheet HTML 8Page - International Rectifier IRS2541SPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
IRS254(0,1)(S)PbF
www.irf.com
Page 3
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage
parameters are absolute voltages referenced to COM, all currents are defined positive into any lead. The thermal
resistance and power dissipation ratings are measured under board mounted and still air conditions.
Symbol
Definition
Min.
Max.
Units
IRS2540
-0.3
225
VB
High-side floating supply voltage
IRS2541
-0.3
625
VS
High-side floating supply offset voltage
VB – 25
VB + 0.3
VHO
High-side floating output voltage
VS – 0.3
VB + 0.3
VLO
Low-side output voltage
-0.3
VCC + 0.3
VIFB
Feedback voltage
-0.3
VCC + 0.3
VENN
Enable voltage
-0.3
VCC + 0.3
V
ICC
Supply current (Note 1)
-20
20
mA
dV/dt
Allowable offset voltage slew rate
-50
50
V/ns
(8-Pin DIP)
---
1
PD
Package power dissipation @ TA ≤ +25 ºC
PD = (TJMAX-TA)/RTHJA
(8-Pin SOIC)
---
0.625
W
(8-Pin DIP)
---
125
RTHJA
Thermal resistance, junction to ambient
(8-Pin SOIC)
---
200
ºC/W
TJ
Junction temperature
-55
150
TS
Storage temperature
-55
150
TL
Lead temperature (soldering, 10 seconds)
---
300
ºC
Note 1: This IC contains a zener clamp structure between the chip VCC and COM, with a nominal breakdown voltage of
15.6 V. Please note that this supply pin should not be driven by a low impedance DC power source greater than VCLAMP
specified in the electrical characteristics section.
Recommended Operating Conditions
For proper operation the device should be used within recommended conditions.
Symbol
Definition
Min.
Max.
Units
VBS
High side floating supply voltage
VCC – 0.7
VCLAMP
IRS2540
-1
200
VS
Steady state high-side floating supply offset voltage
IRS2541
-1
600
VCC
Supply voltage
VCCUV+
VCLAMP
V
ICC
Supply current
Note 2
10
mA
TJ
Junction temperature
-25
125
ºC
Note 2: Sufficient current should be supplied to VCC to keep the internal 15.6 V zener regulating at VCLAMP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com