Electronic Components Datasheet Search
  English  ▼

X  

IRS2541SPBF Datasheet(PDF) 11 Page - International Rectifier

Part # IRS2541SPBF
Description  LED BUCK REGULATOR CONTROL IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2541SPBF Datasheet(HTML) 11 Page - International Rectifier

Back Button IRS2541SPBF Datasheet HTML 6Page - International Rectifier IRS2541SPBF Datasheet HTML 7Page - International Rectifier IRS2541SPBF Datasheet HTML 8Page - International Rectifier IRS2541SPBF Datasheet HTML 9Page - International Rectifier IRS2541SPBF Datasheet HTML 10Page - International Rectifier IRS2541SPBF Datasheet HTML 11Page - International Rectifier IRS2541SPBF Datasheet HTML 12Page - International Rectifier IRS2541SPBF Datasheet HTML 13Page - International Rectifier IRS2541SPBF Datasheet HTML 14Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
IRS254(0,1)(S)PbF
www.irf.com
Page 11
10
100
1000
30
50
70
90
110
130
150
170
Vin (V)
0uF
4.7uF
10uF
22uF
33uF
47uF
Fig. 13 Iout = 350 mA, Vout = 16.8 V, L = 470 µH
0
50
100
150
200
250
300
350
400
0
1020
304050
Capacitance (uF)
40V
100V
160V
Fig. 14 I out = 350 mA, Vout = 16.8 V, L = 470 µH
The addition of the COUT increases the amount of
energy that can be stored in the output stage, which
also means it can supply current for an increased
period of time. Therefore by slowing down the di/dt
transients in the load, the frequency is effectively
decreased.
With the COUT capacitor, the inductor current is no
longer identical to that seen in the load.
The
inductor current will still have a perfectly triangular
shape, where as the load will see the same basic
trend in the current, but all sharp corners will be
rounded with all peaks significantly reduced, as can
be seen in Fig. 15
VCC Supply
Since the IRS245(0,1) is rated for 200 V (or 600 V),
VBUS can reach values of this magnitude. If only a
supply resistor to VBUS is used, it will experience
extremely high power losses. For higher voltage
applications an alternate VCC supply scheme utilizing
the micro-power start-up and a resistor feed-back
from the output needs to be implemented, as seen in
Fig. 16.
Fig. 15 Iout = 350 mA, Vin = 100 V, Vout = 16.85 V, L = 470 µH,
C out = 33 µF
The resistance between VBUS and VCC supply should
be large enough to minimize the current sourced
directly from the input voltage line; value should be
on the order of hundreds of kΩ. Through the supply
resistor, a current will flow to charge the VCC
capacitor. Once the capacitor is charged up to the
VCCUV+ threshold, the IRS254(0,1) enters the micro
start-up regime and begins to operate, activating the
LO and HO outputs. After the first few cycles of
switching, the resistor connected between the output
and VCC will take over and source all necessary
current for the IC.
The resistor connecting the
output to the supply should be carefully designed
according to its power rating.
mA
Icc
P
RS
mA
P
mA
V
V
RS
Rated
RS
RS
out
10
2
2
)
10
(
10
6
.
15
2
_
2
2
2
≈
≤
=
−
=
Fig. 16 Alternate Supply Diagram
1
2
3
4
8
7
6
5
VCC
ENN
IFB
LO
VS
HO
VB
COM
VBUS
COM
ENN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com