Electronic Components Datasheet Search
  English  ▼

X  

IRS2541SPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRS2541SPBF
Description  LED BUCK REGULATOR CONTROL IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2541SPBF Datasheet(HTML) 5 Page - International Rectifier

  IRS2541SPBF Datasheet HTML 1Page - International Rectifier IRS2541SPBF Datasheet HTML 2Page - International Rectifier IRS2541SPBF Datasheet HTML 3Page - International Rectifier IRS2541SPBF Datasheet HTML 4Page - International Rectifier IRS2541SPBF Datasheet HTML 5Page - International Rectifier IRS2541SPBF Datasheet HTML 6Page - International Rectifier IRS2541SPBF Datasheet HTML 7Page - International Rectifier IRS2541SPBF Datasheet HTML 8Page - International Rectifier IRS2541SPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
IRS254(0,1)(S)PbF
www.irf.com
Page 5
Electrical Characteristics
VCC = VBS = VBIAS = 14 V +/- 0.25 V, CLO=CHO=1000 pF, CVCC=CVBS=0.1 µF, TA=25 °C unless otherwise specified.
Symbol
Definition
Min
Typ Max
Units Test Conditions
Functional Block Diagram
Values in block diagram are typical values
Lead Assignment
Pin Assignments
Pin # Symbol
Description
1
2
3
4
VCC
COM
ENN
LO
VS
HO
VB
8
7
6
5
IFB
1
3
7
6
5
4
2
IFB
VCC
HO
VS
LO
Current feedback
High-side floating return
High-side gate driver output
8
COM
VB
High-side gate driver floating supply
IC power & signal ground
Supply voltage
ENN
Disable outputs (LO=High, HO=Low)
Low-side gate driver output
Watchdog timer
tWD
Watchdog timer period
---
20
---
PWWD
LO pulse width
---
1.0
---
µs
IFB =1 V
LEVEL
SHIFT
PULSE
FILTER &
LATCH
7
8
6
VS
HO
VB
1
5
2
COM
LO
VCC
15.6 V
4
ENN
2 V
3
IFB
DELAY
DELAY
UVLO
UVN
0. 5 V
Watchdog
Timer20 µS
1
µS Pulse
Generator
BANDGAP
REFERENCE
100 K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com