Electronic Components Datasheet Search
  English  ▼

X  

BLM Datasheet(PDF) 2 Page - Leadshine Technology Co., Ltd.

Part # BLM
Description  BLM Series Brushless DC Servo Motors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

BLM Datasheet(HTML) 2 Page - Leadshine Technology Co., Ltd.

  BLM Datasheet HTML 1Page - Leadshine Technology Co., Ltd. BLM Datasheet HTML 2Page - Leadshine Technology Co., Ltd. BLM Datasheet HTML 3Page - Leadshine Technology Co., Ltd. BLM Datasheet HTML 4Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BLM57050
24
50
0.16
0.48
3000
3
9
0.053
5.55
0.88
2.2
75
80
0.5
BLM57090
36
90
0.29
0.87
3000
3.45
10.35
0.084
8.8
1.35
4.1
119
100
0.75
BLM57130
36
130
0.41
1.23
3000
5.3
15.9
0.078
8.2
0.63
2.17
173
120
1
57BL180
36
180
0.43
1.27
4000
7
20.5
0.063
6.6
0.35
1
230
140
1.25
BLM57180
36
180
0.57
1.71
3000
6.7
20
0.085
8.9
0.9
2
230
140
1.25
4.4
Unit: mm 1 inch = 25.4 mm
4.3
No.
Parameters
BLM57025
1
2
3
4
5
6
7
8
9
10
11
12
13
14
24
25
0.08
0.24
3000
1.6
4.8
0.05
5.2
1.73
3.36
30
70
0.25
(a). Mechanical specification of the BLM57xxx series motors.
(b). Mechanical specification of the 57BL180.
Rated Voltage (VDC)
Rated Power (W)
Rated Torque (N.M)
Peak Torque (N.M)
Rated Speed (RPM)
Rated Current (A)
Peak Current (A)
Torque Const. (N.M/A)
Back EMF Const. (V/RPM)
Resistance (ohms)
Inductance (mH)
Inertia (
-4
kg㎡ x 10 )
Motor Length L (mm)
Mass (Kg)
5.2
38.1
1.6
4
6.35
5.8
0-0.1
0-0.013
0-0.050
21
15
L (See the table above.)
57.2
1
0.2
0.2
4-
47.14
6.35mm (BLM57025, BLM57050, BLM57090)
5.8mm
8mm (BLM57130, BLM57180)
7.5mm
Note:
The thread depth for the M4 mounting holes on the face of the 57BL180 is 6.0 mm. Do not screw more than 6.0 mm
as this will cause damage to the motor.
38.88 0.05
4 M4
140
33
33
7.5
1
1
0.0
0.0
0.5
0.1
2
L=800 30
45
Depth: 6
36
BLM Series
Electrical Specifications
BLM Series
Mechanical Specifications
Website: www.leadshine.com
Email: sales@leadshine.com
19



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com