Electronic Components Datasheet Search
  English  ▼

X  

BLM Datasheet(PDF) 3 Page - Leadshine Technology Co., Ltd.

Part # BLM
Description  BLM Series Brushless DC Servo Motors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

BLM Datasheet(HTML) 3 Page - Leadshine Technology Co., Ltd.

  BLM Datasheet HTML 1Page - Leadshine Technology Co., Ltd. BLM Datasheet HTML 2Page - Leadshine Technology Co., Ltd. BLM Datasheet HTML 3Page - Leadshine Technology Co., Ltd. BLM Datasheet HTML 4Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
11
12
13
14
15
6
7
8
9
10
Pin
Pin
EA+
EB+
GND
HallC
HallA
EA-
EB-
Vcc
NC
NC
NC
NC
NC
HallB
NC
Description
Description
Description
1
6
2
7
3
8
4
9
5
10
11 12 13 14 15
Motor Feedback (D-sub,15 pin, male)
Motor Cable: U (BRN), V (BLU), W (BLK)
Hall Sensor Cable: HallA (BRN), HallB (GRY),
HallC (ORG), VCC +5V(RED), GND (BLK)
BLM Series
Motor Feedback
Encoder Cable: EA+ (GRN), EA- (GRN/BLK), EB+ (WHT),
EB- (WHT/BLK), VCC +5V(ORG/BLK), GND (BRN/BLK)
4.5
1.3
0.98
0.65
0.32
0
BLM57130
0
1000
2000
3000
4000
Intermittent Duty Zone
Continuous Duty Zone
Speed[r/min]
BLM57180
0
1000
2000
3000
4000
Intermittent Duty Zone
Continuous Duty Zone
Speed[r/min]
1.8
1.4
0.9
0.45
0
1.8
1.4
0.9
0.45
0
57BL180
0
1000
2000
3000
4000
Intermittent Duty Zone
Continuous Duty Zone
Speed[r/min]
0.5
0.38
0.25
0.13
0
BLM57050
0
1000
2000
3000
4000
Intermittent Duty Zone
Continuous Duty Zone
Speed[r/min]
BLM57025
0
1000
2000
3000
4000
Intermittent Duty Zone
Continuous Duty Zone
Speed[r/min]
0.25
0.19
0.13
0.07
0
0.9
0.68
0.45
0.23
0
BLM57090
0
1000
2000
3000
4000
Intermittent Duty Zone
Continuous Duty Zone
Speed[r/min]
ACS306
180 W
ACS606
360 W
Matching Drives
4.6 BLM Series
Speed-Torque Curves
BLM Series
Motor and Encoder Cables
Website: www.leadshine.com
Email: sales@leadshine.com
20
Note:
Standard connectors of the motor, encoder and hall sensor cables are for Leadshine’s matching servo drives. They can be customized for your servo drives.
1
2
3
4
5
Pin



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com