Electronic Components Datasheet Search
  English  ▼

X  

BLM Datasheet(PDF) 4 Page - Leadshine Technology Co., Ltd.

Part # BLM
Description  BLM Series Brushless DC Servo Motors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

BLM Datasheet(HTML) 4 Page - Leadshine Technology Co., Ltd.

  BLM Datasheet HTML 1Page - Leadshine Technology Co., Ltd. BLM Datasheet HTML 2Page - Leadshine Technology Co., Ltd. BLM Datasheet HTML 3Page - Leadshine Technology Co., Ltd. BLM Datasheet HTML 4Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Model
Series
BLM57025
BLM57050
BLM57090
BLM57130
BLM57180
57BL180
BLM
Series
Motors
Brushless DC Servo Motor, Rated Voltage: 24 VDC, Rated Power: 25W, Shaft Diameter: 6.35 mm
Brushless DC
6.35
Servo Motor, Rated Voltage: 24 VDC, Rated Power: 50W, Shaft Diameter:
mm
Brushless DC
6.35
Servo Motor, Rated Voltage: 36 VDC, Rated Power: 90W, Shaft Diameter:
mm
Brushless DC Servo Motor, Rated Voltage: 36 VDC, Rated Power: 130W, Shaft Diameter: 8 mm
Brushless DC Servo Motor, Rated Voltage: 36 VDC, Rated Power: 180W, Shaft Diameter: 8 mm
Brushless DC Servo Motor, Rated Voltage: 36 VDC, Rated Power: 180W, Shaft Diameter: 8 mm
4.7
Description
BLM Series
Order Information
Website: www.leadshine.com
Email: sales@leadshine.com
21



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com