Electronic Components Datasheet Search
  English  ▼

X  

IEM Datasheet(PDF) 3 Page - Leadshine Technology Co., Ltd.

Part # IEM
Description  iEM-RS SERIES INTEGRATED STEPPER MOTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

IEM Datasheet(HTML) 3 Page - Leadshine Technology Co., Ltd.

  IEM Datasheet HTML 1Page - Leadshine Technology Co., Ltd. IEM Datasheet HTML 2Page - Leadshine Technology Co., Ltd. IEM Datasheet HTML 3Page - Leadshine Technology Co., Ltd. IEM Datasheet HTML 4Page - Leadshine Technology Co., Ltd. IEM Datasheet HTML 5Page - Leadshine Technology Co., Ltd. IEM Datasheet HTML 6Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Datasheet of iEM Series Integrated Stepper Motor
www.leadshine.com
3
Note: ① Frame size is 60mm, center diameter is 36mm.
② Frame size is 60mm, center diameter is 36mm,
shaft diameter is 10mm
Connector and Pin Assignment
P1: Power & Control &
Outputs connector
Status LEDs
S1: DIP Switch Selector 2
P2: Tuning Port
Pin Assignments of P1
PIN
I/O
Details
VCC
I
Power supply positive connection.
iEM-17xx:20-36VDC
iEM-23xx and iEM-24xx: 20-50 VDC
GND
I
Power supply ground connection.
ALM-
O
Alarm: An OC output signal. It takes a sinking or sourcing at 5-24V@30mA
ALM+
O
ENA-
I
Enable Signals: Optional, not connected by default.
(1) Effective high level is 4.5-5V; Effective low level is 0-0.5V connection
ENA+
I
Models
L1 length
L length
iEM-2313
54
75
iEM-2323
75
96
iEM-2321-L
68
89
iEM-2331-L
88
109
iEM-2430
①
88
109
iEM-2435
②
101
122
L±0.5
15±0.2
1.6
5
57.2 MAX
47.14±0.2
4-φ5
+0.3
0
φ8
0
-0.012
P-P
P-P
2:1
21±1
L1±0.5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com