Electronic Components Datasheet Search
  English  ▼

X  

IEM Datasheet(PDF) 6 Page - Leadshine Technology Co., Ltd.

Part # IEM
Description  iEM-RS SERIES INTEGRATED STEPPER MOTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

IEM Datasheet(HTML) 6 Page - Leadshine Technology Co., Ltd.

  IEM Datasheet HTML 1Page - Leadshine Technology Co., Ltd. IEM Datasheet HTML 2Page - Leadshine Technology Co., Ltd. IEM Datasheet HTML 3Page - Leadshine Technology Co., Ltd. IEM Datasheet HTML 4Page - Leadshine Technology Co., Ltd. IEM Datasheet HTML 5Page - Leadshine Technology Co., Ltd. IEM Datasheet HTML 6Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Datasheet of iEM Series Integrated Stepper Motor
www.leadshine.com
6
For iEM-23xx and iEM-24xx Series (SW5-SW8)
Function
On
Off
SW5
Default Direction
CW (clockwise)
CCW (counterclockwise)
SW6
Pulse Mode
CW&CCW
PUL&DIR
SW7
Smoothing Time
Enable
Disable
SW8
Activated Edge
Rising edge
Falling edge
Wiring
The iEM series motor can accept differential and single-ended control signal inputs (open-collector and PNP output).
It has 3 optically isolated control inputs, PUL, DIR, and ENA. Refer to the following two figures for connections of
PNP and NPN signals.
Controller
PUL+
1
DIR+
3
PUL-
DIR-
2
4
VCC = 5V, R=0Ω
VCC = 12V, R=1KΩ
VCC=24V, R=2KΩ
Step
Direction
VCC
VCC
Drive
Drive
PUL+
1
DIR+
3
PUL-
DIR-
2
4
Step
Direction
Controller
VCC
Connections to PNP signals
(common-cathode)
Connections to NPN Signals
(common-anode)
R
R
R
R
VCC = 5V, R=0Ω
VCC = 12V, R=1KΩ
VCC=24V, R=2KΩ
Controller
PUL+
1
DIR+
3
PUL-
DIR-
2
4
Step
Direction
Drive
Connections to Differential signals



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com