Electronic Components Datasheet Search
  English  ▼

X  

IEM Datasheet(PDF) 4 Page - Leadshine Technology Co., Ltd.

Part # IEM
Description  iEM-RS SERIES INTEGRATED STEPPER MOTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

IEM Datasheet(HTML) 4 Page - Leadshine Technology Co., Ltd.

  IEM Datasheet HTML 1Page - Leadshine Technology Co., Ltd. IEM Datasheet HTML 2Page - Leadshine Technology Co., Ltd. IEM Datasheet HTML 3Page - Leadshine Technology Co., Ltd. IEM Datasheet HTML 4Page - Leadshine Technology Co., Ltd. IEM Datasheet HTML 5Page - Leadshine Technology Co., Ltd. IEM Datasheet HTML 6Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Datasheet of iEM Series Integrated Stepper Motor
www.leadshine.com
4
(2) ENA signal requires advance DIR signal minimum 200ms in single pulse mode
DIR-
I
Pulse and Direction Connection:
(1) Optically isolated, high level 4.5-5V, low voltage 0-0.5V.
(2) Max 200 KHz input frequency.
(3) The width of PUL signal is at least 2.5μs, duty cycle is recommended 50%.
(4) Single pulse (step & direction), iEM-23xx and iEM-24xx support double pulse
(CW&CCW), while iEM-17xx do not support.
(5) DIR signal requires advance PUL signal minimum 5 μs.
DIR+
I
PUL-
I
PUL+
I
Notes:
(1) Shielding control signal wires is suggested;
(2) To avoid/reduce interference, do not tie control signal cables and power wires together.
Tuning Port P2
The P2 connector in Figure 2 is a RS232 communication port for Leadshine software connection. It is just used to
modify parameter, not for equipment control because neither precision nor stability is sufficient. If you need a
Modbus-RS485 control, use a Leadshine iEM-RS series integrated stepper motor.The interface definition is as
follows:
Figure5: RS232 Tuning Port
DIP Switch Configurations
The iEM series has a row of DIP switches, of which the iEM17xx and iEM-23xx DIP switches are a bit different, as
follows,
SW1
SW2
SW3
SW4
SW5
SW6
Microstep
Motor Direction
Reserved
iEM-17xx
SW1
SW2
SW3
SW4
SW5
SW6
Microstep
Motor Direction
Activated
Edge
iEM-23xx and iEM-24xx
SW7
SW8
PUL&DIR or
CW&CCW
Filter Smoothing
For iEM-17xx Series
Microstep resolution is set by SW1, 2, 3, 4 of the DIP switches as shown in the following table:
Steps/Revolution
SW1
SW2
SW3
SW4
200 (Default)
on
on
on
on
400
off
on
on
on
800
on
off
on
on



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com