Electronic Components Datasheet Search
  English  ▼

X  

CPF201 Datasheet(PDF) 5 Page - Endress+Hauser Group Services AG

Part # CPF201
Description  Compact electrode for pH measurement in pure and ultrapure water
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CPF201 Datasheet(HTML) 5 Page - Endress+Hauser Group Services AG

  CPF201 Datasheet HTML 1Page - Endress+Hauser Group Services AG CPF201 Datasheet HTML 2Page - Endress+Hauser Group Services AG CPF201 Datasheet HTML 3Page - Endress+Hauser Group Services AG CPF201 Datasheet HTML 4Page - Endress+Hauser Group Services AG CPF201 Datasheet HTML 5Page - Endress+Hauser Group Services AG CPF201 Datasheet HTML 6Page - Endress+Hauser Group Services AG CPF201 Datasheet HTML 7Page - Endress+Hauser Group Services AG CPF201 Datasheet HTML 8Page - Endress+Hauser Group Services AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PuriSys CPF 201
Endress+Hauser
5
Environment
Ingress protection
IP 68 (1m / 3.28 ft water column, 50 °C / 122 °F, 168 h) / NEMA 6 (TOP 68 plug-in system)
Process
Process temperature
max. 75 °C / 167 °F
Process pressure
max. 3.45 bar / 50 psi
Medium conductivity
< 100 µS/cm
Drift
< 0.02 pH/week at 0.5 µS/cm at 25 °C / 77 °F
Flow rate
50 ... 250 ml/min
Optimum: 150 ml/min
The flow rate must be stable to obtain accurate measurement results.
Mechanical construction
Design, dimensions
C07-CPF201xx-16-05-00-xx-002.eps
*ÊÓä£ÊiiVÌÀœ`iÊ`iÈ}˜
£
/"*ÊÈnÊVœ˜˜iV̜À
Ó
-Ì>ˆ˜iÃÃÊÃÌiiÊLœ`Þ
Î
"‡Àˆ˜}
{
/ivœ˜ÊÀiviÀi˜Viʍ՘V̈œ˜Ê>˜`Ê«Ê}>ÃÃÊLՏLÊ
C07-CPF201xx-16-05-00-xx-001.eps
*ÊÓä£Êœ˜‡ˆ˜iÊ՘ˆÌÊ`iÈ}˜
£
*6ʓœÕ˜Ìˆ˜}Ê«>Ìi
Ó
*ʙʓi>ÃÕÀˆ˜}ÊV>Li
Î
*ÊÓä£ÊiiVÌÀœ`i
{
˜iÌÊ«œÀÌ
x
œÜÊVi
È
"Õ̏iÌÊ«œÀÌ
1
2
3
4
1
2
3
4
5
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com