Electronic Components Datasheet Search
  English  ▼

X  

CPF201 Datasheet(PDF) 7 Page - Endress+Hauser Group Services AG

Part # CPF201
Description  Compact electrode for pH measurement in pure and ultrapure water
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CPF201 Datasheet(HTML) 7 Page - Endress+Hauser Group Services AG

  CPF201 Datasheet HTML 1Page - Endress+Hauser Group Services AG CPF201 Datasheet HTML 2Page - Endress+Hauser Group Services AG CPF201 Datasheet HTML 3Page - Endress+Hauser Group Services AG CPF201 Datasheet HTML 4Page - Endress+Hauser Group Services AG CPF201 Datasheet HTML 5Page - Endress+Hauser Group Services AG CPF201 Datasheet HTML 6Page - Endress+Hauser Group Services AG CPF201 Datasheet HTML 7Page - Endress+Hauser Group Services AG CPF201 Datasheet HTML 8Page - Endress+Hauser Group Services AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PuriSys CPF 201
Endress+Hauser
7
Ordering information
Product structure
Scope of delivery
The scope of delivery includes:
• 1 CPF 201 electrode
• 1 flow assembly
• 1 PVC mounting plate incl. mounting brackets
• Technical Information TI 366C/07/en
Accessories
Measuring cable
❑ Measuring cable CPK 9 (version without PM)
for electrodes with TOP 68 plug-in head
ordering by product structure, see Technical Information TI 118C/07/en
Buffer solutions
Technical buffer solutions, accuracy 0.02 pH, acc. to NIST/DIN
❑ pH 4.0 red, 100 ml (0.026 US gal.), order no. CPY 2-0
❑ pH 4.0 red, 1000 ml (0.264 US gal.), order no. CPY 2-1
❑ pH 7.0 green, 100 ml (0.026 US gal.), order no. CPY 2-2
❑ pH 7.0 green, 1000 ml (0.264 US gal.), order no. CPY 2-3
Technical buffer solutions for single use, accuracy 0.02 pH, acc. to NIST/DIN
❑ pH 4.0 20 x 20 ml (0.005 US gal.), order no. CPY 2-D
❑ pH 7.0 20 x 20 ml (0.005 US gal.), order no. CPY 2-E
O-rings
❑ O-ring set for electrode, TOP 68 plug and flow assembly lid;
order no. 51512789
Flow assembly lid
❑ Flow assembly lid including seal and screws;
order no. 51512795
Compression fittings
❑ Compression fitting ¼";
order no. 51512793
❑ Compression fitting OD 6 mm;
order no. 51512792
Mounting plate
❑ PVC mounting plate incl. screws and mounting brackets;
order no. 51512788
Process adaption
A
Compression fitting, OD 6 mm, 316L
B
Compression fitting, ¼", 316L
C
Replacement electrode
Electrode type / temperature compensation
1
Integrated Pt 100
2
Integrated Pt 1000
Cable connection
A
TOP 68, no cable
CPF 201-
complete order code



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com