Electronic Components Datasheet Search
  English  ▼

X  

CPF201 Datasheet(PDF) 6 Page - Endress+Hauser Group Services AG

Part # CPF201
Description  Compact electrode for pH measurement in pure and ultrapure water
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CPF201 Datasheet(HTML) 6 Page - Endress+Hauser Group Services AG

  CPF201 Datasheet HTML 1Page - Endress+Hauser Group Services AG CPF201 Datasheet HTML 2Page - Endress+Hauser Group Services AG CPF201 Datasheet HTML 3Page - Endress+Hauser Group Services AG CPF201 Datasheet HTML 4Page - Endress+Hauser Group Services AG CPF201 Datasheet HTML 5Page - Endress+Hauser Group Services AG CPF201 Datasheet HTML 6Page - Endress+Hauser Group Services AG CPF201 Datasheet HTML 7Page - Endress+Hauser Group Services AG CPF201 Datasheet HTML 8Page - Endress+Hauser Group Services AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PuriSys CPF 201
6
Endress+Hauser
Weight
Materials
Process connection
OD 6 mm stainless steel compression fitting
¼" stainless steel compression fitting
Temperature sensor
Pt 100 RTD, Pt 1000 RTD
Cable connection
TOP 68 plug-in system
Certificates and approvals
Test report
Design according to ASTM standard D 5128, "Standard Test Method for On-Line pH
Measurement of Water of Low Conductivity"
C07-CPF201xx-06-05-00-en-002.eps
*ÊÓä£ÊiiVÌÀœ`iÊ`ˆ“i˜Ãˆœ˜Ã
C07-CPF201xx-06-05-00-en-001.eps
*ÊÓä£Êœ˜‡ˆ˜iÊ՘ˆÌÊ`ˆ“i˜Ãˆœ˜Ã
mm/inch
17.5 /
0.69
305 / 12
73.7 /
2.9
mm / inch
Electrode:
approx. 213 g
Complete on-line unit
incl. mounting brackets:
approx. 2275 g
Electrode shaft
stainless steel SS 316, Viton®
Reference junction
Teflon®
Glass bulb
pH membrane glass
Reference system
KCl/AgCl
Flow assembly
stainless steel SS 316, Viton®
Inlet / outlet ports
stainless steel SS 316



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com