Electronic Components Datasheet Search
  English  ▼

X  

CLS12 Datasheet(PDF) 2 Page - Endress+Hauser Group Services AG

Part # CLS12
Description  Conductivity sensor for high-temperature applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLS12 Datasheet(HTML) 2 Page - Endress+Hauser Group Services AG

  CLS12 Datasheet HTML 1Page - Endress+Hauser Group Services AG CLS12 Datasheet HTML 2Page - Endress+Hauser Group Services AG CLS12 Datasheet HTML 3Page - Endress+Hauser Group Services AG CLS12 Datasheet HTML 4Page - Endress+Hauser Group Services AG CLS12 Datasheet HTML 5Page - Endress+Hauser Group Services AG CLS12 Datasheet HTML 6Page - Endress+Hauser Group Services AG CLS12 Datasheet HTML 7Page - Endress+Hauser Group Services AG CLS12 Datasheet HTML 8Page - Endress+Hauser Group Services AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Condumax CLS12
2
Endress+Hauser
Function and system design
Measuring principle
AC
I
U
A0024260
 1
Conductive measurement of conductivity
AC Alternating voltage source
I
Current intensity measurement
U
Voltage measurement
Conductivity of liquids is determined with a measuring
arrangement where two electrodes are located in the
medium. An alternating voltage that causes a current
to flow through the medium is applied at these
electrodes. The electrical resistance, or its reciprocal
value - conductance G - is calculated based on Ohm's
law. The specific conductance κ is determined from the
conductance value using the cell constant k, which
depends on the sensor geometry.
Measuring system
A complete measuring system consists of the following components at least:
• The contacting conductivity sensor CLS12
• A transmitter, e.g. Liquiline M CM42
• A measuring cable, e.g. CYK71 for analog sensors
1
2
3
4
A0046720
 2
Example of a measuring system
1
Sensor CLS12
2
Transmitter CM42
3
Sensor cable
4
Pipe nozzle, process connection
Dependability
Reliability
Electrodes
The sensor has particularly large coaxial measuring electrodes. This enables fast medium throughput
and a high level of measuring accuracy.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com