Electronic Components Datasheet Search
  English  ▼

X  

CLS12 Datasheet(PDF) 3 Page - Endress+Hauser Group Services AG

Part # CLS12
Description  Conductivity sensor for high-temperature applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLS12 Datasheet(HTML) 3 Page - Endress+Hauser Group Services AG

  CLS12 Datasheet HTML 1Page - Endress+Hauser Group Services AG CLS12 Datasheet HTML 2Page - Endress+Hauser Group Services AG CLS12 Datasheet HTML 3Page - Endress+Hauser Group Services AG CLS12 Datasheet HTML 4Page - Endress+Hauser Group Services AG CLS12 Datasheet HTML 5Page - Endress+Hauser Group Services AG CLS12 Datasheet HTML 6Page - Endress+Hauser Group Services AG CLS12 Datasheet HTML 7Page - Endress+Hauser Group Services AG CLS12 Datasheet HTML 8Page - Endress+Hauser Group Services AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Condumax CLS12
Endress+Hauser
3
Temperature compensation
In addition, a Pt 100 temperature sensor is integrated in the inner electrode. The high thermal
conductivity of the sensor means that the temperature adjusts quickly to the fluid temperature. This
enables precise temperature compensation using the connected transmitter.
Robustness
The sensor is characterized by excellent thermal, chemical and mechanical resistance properties.
Use in superheated steam and ultrapure water
Special materials are available for these applications. A nominal operating life cannot be indicated
for the EPDM standard material in these cases.
Input
Measured variables
• Conductivity
• Temperature
Measuring ranges
Conductivity
(in relation to water at 25 °C (77 °F))
CLS12 -A
0.04 to 20 μS/cm
CLS12 -B
0.10 to 200 μS/cm
Temperature
CLS12
-20 to 160 °C (-4 to 320 °F)
Power supply
Electrical connection
The sensor is connected via the fixed cable or via the measuring cable CYK71 with a shield. The
wiring diagram is provided in the Operating Instructions of the transmitter used.
GN/YE
3
YE
GN
BK
WH
2
BN
GY
1
n.c.
A0044785
 3
Measuring cable CYK71
1
Coax BK, shield (outer electrode)
2
Coax, inner, conductivity (inner electrode)
Pt100 Temperature
3
Outer shield, pay attention to the wiring diagram of the transmitter
n.c.
Do not connect
A VMB junction box and another CYK71 cable are required for the cable extension.
Mounting
Installation instructions
1. Mount the sensor directly on a process connection that matches the version or alternatively
install it in a CLA751 flow assembly.
2. Ensure that the electrodes are fully immersed in the medium during measurement.
 The insertion depth must be at least 50 mm (1.97 in).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com