Electronic Components Datasheet Search
  English  ▼

X  

CM72 Datasheet(PDF) 2 Page - Endress+Hauser Group Services AG

Part # CM72
Description  Single-parameter transmitter for Memosens sensors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CM72 Datasheet(HTML) 2 Page - Endress+Hauser Group Services AG

  CM72 Datasheet HTML 1Page - Endress+Hauser Group Services AG CM72 Datasheet HTML 2Page - Endress+Hauser Group Services AG CM72 Datasheet HTML 3Page - Endress+Hauser Group Services AG CM72 Datasheet HTML 4Page - Endress+Hauser Group Services AG CM72 Datasheet HTML 5Page - Endress+Hauser Group Services AG CM72 Datasheet HTML 6Page - Endress+Hauser Group Services AG CM72 Datasheet HTML 7Page - Endress+Hauser Group Services AG CM72 Datasheet HTML 8Page - Endress+Hauser Group Services AG CM72 Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Liquiline Compact CM72
2
Endress+Hauser
Function and system design
Measuring system
The overview shows examples of measuring systems. Other sensors and assemblies can be ordered
for conditions specific to your application (www.endress.com/products).
A complete measuring system comprises the following components:
• Liquiline compact transmitter
• Sensors with Memosens technology
• Assemblies to suit the sensors used
1
2
3
4
A0036844
 1
Example of a measuring system
1
Measuring point with assembly and Memosens sensor
2
Liquiline Compact CM72
3
Junction box (optional)
4
PLC (programmable logic controller)
Sensor connection
Sensors with Memosens protocol
Sensor types
Sensors
Digital sensors with inductive Memosens plug-in head
• pH sensors
• ORP sensors
• Oxygen sensors
• Conductivity sensors
Communication and data
processing
Communication protocols:
4 to 20 mA
For configuration with the measured value and the current output turndown, select the option
in the order structure when ordering. This cannot be changed at a later stage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com