Electronic Components Datasheet Search
  English  ▼

X  

CM72 Datasheet(PDF) 3 Page - Endress+Hauser Group Services AG

Part # CM72
Description  Single-parameter transmitter for Memosens sensors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CM72 Datasheet(HTML) 3 Page - Endress+Hauser Group Services AG

  CM72 Datasheet HTML 1Page - Endress+Hauser Group Services AG CM72 Datasheet HTML 2Page - Endress+Hauser Group Services AG CM72 Datasheet HTML 3Page - Endress+Hauser Group Services AG CM72 Datasheet HTML 4Page - Endress+Hauser Group Services AG CM72 Datasheet HTML 5Page - Endress+Hauser Group Services AG CM72 Datasheet HTML 6Page - Endress+Hauser Group Services AG CM72 Datasheet HTML 7Page - Endress+Hauser Group Services AG CM72 Datasheet HTML 8Page - Endress+Hauser Group Services AG CM72 Datasheet HTML 9Page - Endress+Hauser Group Services AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Liquiline Compact CM72
Endress+Hauser
3
Dependability
Reliability
Memosens MEMO SENS
Memosens makes your measuring point safer and more reliable:
• Non-contact, digital signal transmission enables optimum galvanic isolation
• No contact corrosion
• Completely watertight
• Sensor can be calibrated in a lab, thus increasing the availability of the measuring point in the
process
• Predictive maintenance thanks to recording of sensor data, e.g.:
• Total hours of operation
• Hours of operation with very high or very low measured values
• Hours of operation at high temperatures
• Number of steam sterilizations
• Sensor condition
A0035116
 2
Plug & Play with Memosens technology
The status of the transmitter and the connected sensor is indicated by a red/green LED.
A0036843
 3
LED display
Security
Measured value compensation
pH:
Temperature
Oxygen:
• Temperature
• Air pressure
Conductivity:
Temperature
Compensation of temperature dependency is linear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com