Electronic Components Datasheet Search
  English  ▼

X  

CDS201 Datasheet(PDF) 5 Page - E+E Elektronik Ges.m.b.H

Part # CDS201
Description  Room Sensor for CO2, Temperature and Relative Humidity
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

CDS201 Datasheet(HTML) 5 Page - E+E Elektronik Ges.m.b.H

  CDS201 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H CDS201 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H CDS201 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H CDS201 Datasheet HTML 4Page - E+E Elektronik Ges.m.b.H CDS201 Datasheet HTML 5Page - E+E Elektronik Ges.m.b.H CDS201 Datasheet HTML 6Page - E+E Elektronik Ges.m.b.H CDS201 Datasheet HTML 7Page - E+E Elektronik Ges.m.b.H CDS201 Datasheet HTML 8Page - E+E Elektronik Ges.m.b.H CDS201 Datasheet HTML 9Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Datasheet CDS201
v1.1 / Modification rights reserved | 5
Technical Data
Measurands
Relative Humidity (RH)
Measuring range
0...100 %RH, non-condensing
Accuracy1)
incl. hysteresis, non-linearity and repeatability
0...80 %RH
>80...100 %RH
±(2.8 + 0.003 * mv) %RH
mv = measured value
±4.1 %RH
Temperature dependency of electronics, typ.
0.008 % RH / °C (0.004 %RH / °F)
Factory calibration uncertainty2)
@ 23 °C (73 °F)
0...90 %RH
90...100 %RH
±(0.7 + 0.003 * mv) %RH
mv = measured value
±1 %RH
1) Defined against E+E calibration reference at 23 °C (73 °F). With supply voltage 24 V DC, 0.2 m/s (39. 4 ft/min) medium flow and load resistor 250 Ω for
version with current output.
2) Defined with an enhancement factor k=2, corresponding to a confidence level of 95 %.
CO2
Measurement principle
Dual wavelength non-dispersive infrared technology (NDIR)
Measuring range
0...2 000 / 5 000 ppm
Accuracy1)
0...2 000 ppm
0...5 000 ppm
< ±(60 ppm +2 % of measured value)
< ±(60 ppm +3 % of measured value)
Temperature dependency, typ.
±(1 + CO2 concentration [ppm] / 1 000) ppm/°C
±(1 + CO2 concentration [ppm] / 1 800) ppm/°F
Residual pressure dependency
in the range of -20...45 °C (-4...113 °F),
related to 1 013 mbar
0.14 % of measured value/mbar
Long-term stability
under normal operating conditions in a typical
building automation environment
<20 ppm / year
Response time t63, typ.
<180 s
1) @ 20 °C (68 °F), with supply voltage 24 V DC, 0.2 m/s (39.4 ft/min) circulation and load resistor 250 Ω for version with current output.
Temperature (T)
Measuring range
-30...+60 °C (-22...+140 °F)
Accuracy1)
0- 10 V, RS485
4 - 20 mA
±0.35 °C (±0.63 °F)
±0.7 °C (±1.26 °F)
Temperature dependency of electronics, typ.
0.006 K/K
Factory calibration uncertainty2)
@ 23 °C (73 °F)
±0.1 °C (±0.18 °F)
1) Defined @ 23 °C (73 °F) against E+E calibration reference. With supply voltage 24 V DC, 0.2 m/s (39. 4 ft/min) medium flow and load resistor 250 Ω for
version with current output.
2) Defined with an enhancement factor k=2, corresponding to a confidence level of 95 %.
Calculated Physical Quantity
from
up to
unit
Dew point temperature
Td
-30
(-22)
60
(140)
°C (°F)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com