Electronic Components Datasheet Search
  English  ▼

X  

CDS201 Datasheet(PDF) 7 Page - E+E Elektronik Ges.m.b.H

Part # CDS201
Description  Room Sensor for CO2, Temperature and Relative Humidity
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

CDS201 Datasheet(HTML) 7 Page - E+E Elektronik Ges.m.b.H

  CDS201 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H CDS201 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H CDS201 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H CDS201 Datasheet HTML 4Page - E+E Elektronik Ges.m.b.H CDS201 Datasheet HTML 5Page - E+E Elektronik Ges.m.b.H CDS201 Datasheet HTML 6Page - E+E Elektronik Ges.m.b.H CDS201 Datasheet HTML 7Page - E+E Elektronik Ges.m.b.H CDS201 Datasheet HTML 8Page - E+E Elektronik Ges.m.b.H CDS201 Datasheet HTML 9Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Datasheet CDS201
v1.1 / Modification rights reserved | 7
Ordering Guide
Feature
Description
Code
CDS201-
Model
CO2 + T
M11
CO2 + T + RH
M12
CO2 measuring range
0...2 000 ppm
HV1
0...5 000 ppm
HV2
Output
0 - 10 V
A3
A3
4 - 20 mA (3-wire)
A6
A6
RS485
J3
J3
Display
Without display
No code
With display
D1
Design
EU format
No code
US format
RG2
Output 1 measurand
CO2 scaling acc. to selected “CO2 measuring range” as above
No code
No code
Output 2 measurand
Temperature T [°C]
No code
No code
Temperature T [°F]
MB2
MB2
Output 2 scaling low
0
No code
No code
Value1)
SBLValue
SBLValue
Output 2 scaling high
50
No code
No code
Value1)
SBHValue
SBHValue
Output 3 measurand
Relative humidity [%]
No code
Output 3 scaling low
0
No code
Value
SCLValue
Output 3 scaling high
100
No code
Value
SCHValue
Protocol
Modbus RTU2)
P1
P1
BACnet MS/TP3)
P3
P3
Baud rate
9 600 (common for Modbus)
BD5
BD5
19 200
BD6
BD6
38 400 (common for BACnet)
BD7
BD7
57 600 (for BACnet MS/TP only)
BD8
BD8
76 800 (for BACnet MS/TP only)
BD9
BD9
115 200 (for BACnet MS/TP only)
BD10
BD10
Units
Metric (SI)
No code
No code
Non-metric (US/GB)
U2
U2
1) -35 °C (-31 °F) < T scaling low < 20 °C (68 °F). 25 °C (77 °F) < T scaling high < 70 °C (158 °F). T scaling high - T scaling low > 20 °C (36 °F).
2) Factory setting: Even parity, 1 stop bit. Modbus Map see User Manual at www.epluse.com/cds201.
3) Factory setting: No parity, 1 stop bit. Product Implementation Conformance Statement (PICS) available at www.epluse.com/cds201.
Regardless of the model (M11 or M12), RH and Td are also always activated and are available on the BACnet interface.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com