Electronic Components Datasheet Search
  English  ▼

X  

CDS201 Datasheet(PDF) 6 Page - E+E Elektronik Ges.m.b.H

Part # CDS201
Description  Room Sensor for CO2, Temperature and Relative Humidity
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

CDS201 Datasheet(HTML) 6 Page - E+E Elektronik Ges.m.b.H

  CDS201 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H CDS201 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H CDS201 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H CDS201 Datasheet HTML 4Page - E+E Elektronik Ges.m.b.H CDS201 Datasheet HTML 5Page - E+E Elektronik Ges.m.b.H CDS201 Datasheet HTML 6Page - E+E Elektronik Ges.m.b.H CDS201 Datasheet HTML 7Page - E+E Elektronik Ges.m.b.H CDS201 Datasheet HTML 8Page - E+E Elektronik Ges.m.b.H CDS201 Datasheet HTML 9Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Datasheet CDS201
v1.1 / Modification rights reserved | 6
Technical Data
Outputs
Power supply class III
USA & Canada: Class 2 supply necessary,
max. voltage 30 V DC
15 - 35 V DC or 24 V AC ±20 %
Current consumption, typ.
Electrical connection
Push-in spring terminals max. 1.5 mm2 (AWG 16)
Display
1.8" LCD, dot-matrix, 2 or 3 lines, visible area 38 x 31 mm (1.5" x 1.2")
Humidity range
Operation
Storage
0…100 %RH non-condensing
0…95 %RH non-condensing
Temperature range, operation and storage
without display
with display
-30...+60 °C (-22...+140 °F)
-20...+60 °C (-4...+140 °F)
Enclosure
Material
Protection rating
PC (Polycarbonate), RAL 9003 (signal white), UL94 HB approved
IP30
Electromagnetic compatibility
EN 61326-1
EN 61326-2-3
Industrial environment
FCC Part15 Class B
ICES-003 Class B
Shock and vibration
Tested according to EN 60068-2-64 and EN 60068-2-27
Conformity
Configuration1)
PCS10 Product Configuration Software (free download) and optional configuration adapter
1) With digital versions only.
@ 24 V DC
@ 24 V AC
0 - 10 V
6 mA
14 mArms
4 - 20 mA
Acc. to output current
RS485
5 mA
12 mArms
General
Digital
Digital interface
RS485 (CDS201 = 1 unit load)
Protocol
Factory settings
Supported Baud rates1)
Measured data type
Modbus RTU
Baud rate according to ordering guide, 8 data bits, parity even, 1 stop bit, Modbus address 45
9 600, 19 200 and 38 400
FLOAT32 and INT16
Protocol
Factory settings
Supported Baud rates1)
BACnet MS/TP
BACnet address 45
9 600, 19 200, 38 400, 57 600, 76 800 and 115 200
1) Ex works: see ordering guide.
Analogue
CO2: 0...2 000 / 5 000 ppm
T: acc. to ordering guide
RH: 0...100 %
0 - 10 V
-1 mA < IL < 1 mA
IL = load current
4 - 20 mA (3-wire)
RL < 500 Ω
RL = load resistance



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com