Electronic Components Datasheet Search
  English  ▼

X  

EE08 Datasheet(PDF) 4 Page - E+E Elektronik Ges.m.b.H

Part # EE08
Description  High-Precision Miniature Humidity and Temperature Probe
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

EE08 Datasheet(HTML) 4 Page - E+E Elektronik Ges.m.b.H

  EE08 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H EE08 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H EE08 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H EE08 Datasheet HTML 4Page - E+E Elektronik Ges.m.b.H EE08 Datasheet HTML 5Page - E+E Elektronik Ges.m.b.H EE08 Datasheet HTML 6Page - E+E Elektronik Ges.m.b.H EE08 Datasheet HTML 7Page - E+E Elektronik Ges.m.b.H EE08 Datasheet HTML 8Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Datasheet EE08
v2.5 / Modification rights reserved | 4
Features
Protective Sensor Coating
Dimensions
Values in mm (inch)
Cable version
(Connection type E8)
Plug version
(Connection type E11)
M12x1
61 (2.4)
73 (2.9)
25 (1)
Connector M12x1
(8 poles)
M16x1.5
61 (2.4)
71 (2.8)
83 (3.3)
The E+E proprietary sensor coating is a protective layer applied to the sensing elements, their leads and soldering points.
The coating substantially extends sensor lifetime and ensures optimal measurement performance in corrosive environment
(salts, off-shore applications). Additionally, it improves the sensors’ long term stability in dusty, dirty or oily applications by
preventing stray impedance caused by deposits on the active sensor surface or on the electrical connections.
Protective Sensor Coating
Relative Humidity (RH)
Measuring range
0...100 %RH
Accuracy1)
including hysteresis, non-linearity and repeatability,
@ 23 °C (73 °F) and nominal voltage
RH ≤ 90 %
RH > 90 %
±2 %RH
±3 %RH
Temperature dependency, typ.
±0.03 %RH / °C (±0.017 %RH / °F)
1) The accuracy statement includes the uncertainty of the factory calibration with an enhancement factor k=2 (2-times standard deviation).
The accuracy was calculated in accordance with EA-4/02 and with regard to GUM (Guide to the Expression of Uncertainty in Measurement);
nominal voltage V1 = 12 V DC, V2 = 24 V DC
Technical Data
Measurands



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com