Electronic Components Datasheet Search
  English  ▼

X  

EE08 Datasheet(PDF) 2 Page - E+E Elektronik Ges.m.b.H

Part # EE08
Description  High-Precision Miniature Humidity and Temperature Probe
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

EE08 Datasheet(HTML) 2 Page - E+E Elektronik Ges.m.b.H

  EE08 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H EE08 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H EE08 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H EE08 Datasheet HTML 4Page - E+E Elektronik Ges.m.b.H EE08 Datasheet HTML 5Page - E+E Elektronik Ges.m.b.H EE08 Datasheet HTML 6Page - E+E Elektronik Ges.m.b.H EE08 Datasheet HTML 7Page - E+E Elektronik Ges.m.b.H EE08 Datasheet HTML 8Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Datasheet EE08
v2.5 / Modification rights reserved | 2
EE08
The EE08 reliably measures the relative humidity (RH) and the temperature (T) in indoor and outdoor applications.
Outstanding temperature compensation leads to excellent accuracy over the wide working range of 0...100 %RH and
-40...+80 °C (-40...176 °F).
Versatility
EE08 features analogue outputs for RH and T, passive T output and E2 digital interface. The small size, the choice between
M12 connector or fixed cable and the very wide voltage supply range facilitate the EE08 integration in most applications.
Long-Term Performance
The long-term accuracy and stability of the EE08 are based on the high-end E+E humidity sensing elements manufactured
in state-of-the-art thin-film technology. The E+E proprietary coating ensures best long-term performance even in dirty,
dusty and corrosive environment.
Energy Efficiency
Due to very low power consumption, voltage supply range down to 4.5 V DC and short start-up time, the EE08 is suitable
for battery powered devices.
Outdoor Use
For meteorology and other outdoor use, the EE08 can be fitted with radiation shields appropriate for the product version
with plug or fixed cable.
User Configurable and Adjustable
The free EE-PCS Product Configuration Software and an optional configuration adapter facilitate configuration and
adjustment of the EE08.
EE08 cable version
EE08 plug version
High-Precision Miniature Humidity and Temperature Probe



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com