Electronic Components Datasheet Search
  English  ▼

X  

EE08 Datasheet(PDF) 3 Page - E+E Elektronik Ges.m.b.H

Part # EE08
Description  High-Precision Miniature Humidity and Temperature Probe
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

EE08 Datasheet(HTML) 3 Page - E+E Elektronik Ges.m.b.H

  EE08 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H EE08 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H EE08 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H EE08 Datasheet HTML 4Page - E+E Elektronik Ges.m.b.H EE08 Datasheet HTML 5Page - E+E Elektronik Ges.m.b.H EE08 Datasheet HTML 6Page - E+E Elektronik Ges.m.b.H EE08 Datasheet HTML 7Page - E+E Elektronik Ges.m.b.H EE08 Datasheet HTML 8Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Datasheet EE08
v2.5 / Modification rights reserved | 3
Features
Inspection certificate
According to DIN EN 10204-3.1
Sensing Elements
▪ Protected by
▪ E+E proprietary coating
▪ Metal grid filter
▪ Active or passive T measurement
Enclosure and Connection
▪ Small dimensions
▪ IP65, polycarbonate
▪ M12x1 connector, 8 poles
▪ Cable up to 5 m
Electronics
▪ Output 0 - 1 / 2.5 / 5 / 10 V
▪ E2 interface
▪ Low power consumption and short start-up time
▪ Supply voltage down to 4.5 V
▪ User-adjustable with EE-PCS
Measurement Performance
▪ Accurate and long-term stable RH and T measurement
▪ Wide temperature range -40...+80 °C (-40...+176 °F)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com