Electronic Components Datasheet Search
  English  ▼

X  

ISG2045 Datasheet(PDF) 3 Page - Inchange Semiconductor Company Limited

Part # ISG2045
Description  NPT Trench IGBT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISG2045 Datasheet(HTML) 3 Page - Inchange Semiconductor Company Limited

  ISG2045 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISG2045 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISG2045 Datasheet HTML 3Page - Inchange Semiconductor Company Limited ISG2045 Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ISG2045
eq FGA25N120ANTD
NPT Trench IGBT
www.iscsemi.com
3
SYMBOL
PARAMETER
CONDITIONS
MIN
TYPE
MAX
UNIT
td(on)
Turn-on Delay Time
VGE = 15V,
IC= 25A,
VCE = 600V,
RG= 10Ω
TC=125℃
--
50
--
ns
tr
Turn-on Rise Time
--
60
--
ns
td(off)
Turn-off Delay Time
--
200
--
ns
tf
Turn-off Fall Time
--
155
--
ns
Eon
Turn-on switching losses
--
4.5
--
mJ
Eoff
Turn-off switching losses
--
1.5
--
mJ
Ets
Total Switching Loss
--
5.8
--
mJ
DIODE
VF
Diode Forward Voltage
IF = 25A
dI/dt = 200 A/µs
TC=25℃
--
2.0
3.0
V
trr
Diode Reverse Recovery Time
--
240
--
ns
Irr
Diode Peak Reverse Recovery
Current
--
28
--
A
Qrr
Diode Reverse Recovery Charge
--
3128
--
nC
VF
Diode Forward Voltage
IF = 25A
dI/dt = 200 A/µs
TC=125℃
--
2.1
--
V
trr
Diode Reverse Recovery Time
--
300
--
ns
Irr
Diode Peak Reverse Recovery
Current
--
30
--
A
Qrr
Diode Reverse Recovery Charge
--
4650
--
nC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com