Electronic Components Datasheet Search
  English  ▼

X  

ISG2045 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # ISG2045
Description  NPT Trench IGBT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISG2045 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  ISG2045 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISG2045 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISG2045 Datasheet HTML 3Page - Inchange Semiconductor Company Limited ISG2045 Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ISG2045
eq FGA25N120ANTD
NPT Trench IGBT
www.iscsemi.com
1
DESCRIPTION
· NPT Trench Technology, Positive temperature coefficien
· Extremely enhanced avalanche capabilityt
· Low Saturation Voltage: VCE(sat) = 2.0 V(Typ.) @ IC = 25 A
APPLICATIONS
·Solar Inverter, UPS, Welder, Digital Power Generator
·Telecom, ESS
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
VALUE
UNIT
VCES
Collector-Emitter Voltage
1200
V
VGES
Gate-Emitter Voltage
±
20
V
IC
Collector Current-Continuous
@ TC=25℃
50
A
IC
Collector Current-Continuous
@ TC=100℃
25
A
ICM
Pulsed Collector Current@ TC=25℃
75
A
PD
Power Dissipation @TC=25℃
312
W
PD
Power Dissipation @TC=100℃
134
W
Tj
Operating Junction Temperature
-55~150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,
Junction to Case
IGBT
0.4
℃
/W
Diode
2.0


Similar Part No. - ISG2045

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISG2042 ISC-ISG2042 Datasheet
376Kb / 3P
Trench Field-Stop IGBT
ISG2044 ISC-ISG2044 Datasheet
366Kb / 3P
Field-Stop Trench IGBT
ISG2046 ISC-ISG2046 Datasheet
420Kb / 5P
Field Stop IGBT
ISG2049 ISC-ISG2049 Datasheet
398Kb / 6P
Trench gate Field-Stop IGBT
More results

Similar Description - ISG2045

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGL60N100BNTD FAIRCHILD-FGL60N100BNTD Datasheet
682Kb / 7P
NPT-Trench IGBT
FGA25N12ANTD FAIRCHILD-FGA25N12ANTD Datasheet
861Kb / 9P
1200V NPT Trench IGBT
FGA25N120ANTD FAIRCHILD-FGA25N120ANTD Datasheet
867Kb / 9P
1200V NPT Trench IGBT
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD Datasheet
843Kb / 9P
1200V NPT Trench IGBT
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD_1 Datasheet
2Mb / 10P
1200V NPT Trench IGBT
FGA25N120ANTD FAIRCHILD-FGA25N120ANTD_07 Datasheet
658Kb / 9P
1200V NPT Trench IGBT
FGA15N120ANTD FAIRCHILD-FGA15N120ANTD_07 Datasheet
938Kb / 10P
1200V NPT Trench IGBT
logo
SemiHow Co.,Ltd.
HIH25N120TN SEMIHOW-HIH25N120TN Datasheet
870Kb / 8P
1200V NPT Trench IGBT
logo
Unisonic Technologies
UG25N120 UTC-UG25N120 Datasheet
144Kb / 4P
1200V NPT TRENCH IGBT
logo
Wuxi NCE Power Semicond...
NCE15GD120T NCEPOWER-NCE15GD120T Datasheet
237Kb / 8P
1200V, 15A, Trench NPT IGBT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com