Electronic Components Datasheet Search
  English  ▼

X  

OPA2832 Datasheet(PDF) 18 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2832
Description  Triple, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2832 Datasheet(HTML) 18 Page - Burr-Brown (TI)

Back Button OPA2832 Datasheet HTML 14Page - Burr-Brown (TI) OPA2832 Datasheet HTML 15Page - Burr-Brown (TI) OPA2832 Datasheet HTML 16Page - Burr-Brown (TI) OPA2832 Datasheet HTML 17Page - Burr-Brown (TI) OPA2832 Datasheet HTML 18Page - Burr-Brown (TI) OPA2832 Datasheet HTML 19Page - Burr-Brown (TI) OPA2832 Datasheet HTML 20Page - Burr-Brown (TI) OPA2832 Datasheet HTML 21Page - Burr-Brown (TI) OPA2832 Datasheet HTML 22Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
www.ti.com
APPLICATION INFORMATION
WIDEBAND VOLTAGE-FEEDBACK
1/3
OPA3832
V =+3.3V
S
V
OUT
66.5W
V
IN
1.13kW
255W
R
L
150W
0.75V
6.8 F
m
+
0.1 F
m
0.1 F
m
400W
400W
+0.75V
+0.75
1/3
OPA3832
V =+5V
S
V
OUT
66.7W
V
IN
505W
+2V
332W
R
L
150W
+2V
6.8 F
m
+
0.1 F
m
0.1 F
m
400W
400W
2V
OPA3832
SBOS370 – DECEMBER 2006
effective load on the output at high frequencies is
150
Ω || 800Ω. The 255Ω and 1.13kΩ resistors at the
noninverting input provide the common-mode bias
OPERATION
voltage. This parallel combination equals the dc
The OPA3832 is a unity-gain stable, very high-speed
resistance at the inverting input RF), reducing the dc
voltage-feedback op amp designed for single-supply
output offset arising from input bias current.
operation (+3V to +11V). The input stage supports
input voltages below ground and to within 1.7V of the
positive supply. The complementary common-emitter
output stage provides an output swing to within
25mV of ground and the positive supply. The
OPA3832
is
compensated
to
provide
stable
operation with a wide range of resistive loads.
Figure 46 shows the ac-coupled, gain of +2V/V
configuration used for the +5V Specifications and
Typical Characteristic Curves. For test purposes, the
input impedance is set to 50
Ω with the 66.7Ω resistor
to ground in parallel with the 200
Ω bias network.
Voltage
swings
reported
in
the
Electrical
Characteristics are taken directly at the input and
output pins. For the circuit of Figure 46, the total
Figure 47. AC-Coupled, G = +2, +3.3V
effective load on the output at high frequencies is
Single-Supply Specification and Test Circuit
150
Ω || 800Ω. The 332Ω and 505Ω resistors at the
noninverting input provide the common-mode bias
voltage. This parallel combination equals the dc
Figure 48 shows the dc-coupled, gain of +2, dual
resistance at the inverting input RF), reducing the dc
power-supply circuit configuration used as the basis
output offset resulting from input bias current.
of the ±5V Electrical Characteristics and Typical
Characteristics.
For
test
purposes,
the
input
impedance is set to 50
Ω with a resistor to ground
and the output impedance is set to 150
Ω with a
series output resistor. Voltage swings reported in the
specifications are taken directly at the input and
output pins. For the circuit of Figure 48, the total
effective load will be 150
Ω || 800Ω. Two optional
components are included in Figure 48. An additional
resistor (175
Ω) is included in series with the
noninverting input. Combined with the 25
Ω dc source
resistance looking back towards the signal generator,
this
configuration
gives
an
input
bias
current
cancelling resistance that matches the 200
Ω source
resistance seen at the inverting input (see the DC
Accuracy and Offset Control section). In addition to
the usual power-supply decoupling capacitors to
Figure 46. AC-Coupled, G = +2, +5V
ground, a 0.01
µF capacitor is included between the
Single-Supply Specification and Test Circuit
two power-supply pins. In practical printed circuit
board (PCB) board layouts, this optional capacitor
Figure 47 shows the ac-coupled, gain of +2V/V
will typically improve the 2nd-harmonic distortion
configuration used for the +3.3V Specifications and
performance by 3dB to 6dB.
Typical Characteristic Curves. For test purposes, the
input impedance is set to 66.5
Ω with a resistor to
ground. Voltage swings reported in the Electrical
Characteristics are taken directly at the input and
output pins. For the circuit of Figure 47, the total
18
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com